Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UXA02040F3TCU00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UXA02040F3TCU00
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXA02040F3TCU00 Datasheet(HTML) 1 Page - Vishay Siliconix

  UXA02040F3TCU00 Datasheet HTML 1Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 2Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 3Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 4Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 5Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 6Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 7Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 8Page - Vishay Siliconix UXA02040F3TCU00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: ff3cresistors@vishay.com
Document Number: 28726
84
Revision: 21-Aug-07
UXA 0204, UXB 0207, UXE 0414
Vishay Beyschlag
High Precision Leaded Resistors
DESCRIPTION
UXA 0204, UXB 0207 and UXE 0414 high precision leaded
thin film resistors combine the proven reliability of the
professional products with an exceptional level of precision
and stability. Therefore they are perfectly suited for
applications in the fields of precision test and measuring
equipment and particularly for the design of calibration
references and standards.
FEATURES
Superior thin film technology
• Exceptional low TCR: ± 02 ppm/K to ± 10 ppm/K
• Super tight tolerance: ± 0.01 % to ± 0.25 %
• Exceptional overall stability: class 0.02
• Wide resistance range: 22 Ω to 1 MΩ
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
APPLICATIONS
• Precision test and measuring equipment
• Design of calibration references and standards
METRIC SIZE
DIN:
0204
0207
0414
CECC:
AB
D
TECHNICAL SPECIFICATIONS
DESCRIPTION
UXA 0204
UXB 0207
UXE 0414
CECC size
A
B
D
Resistance range
22
Ω to 221 kΩ
10
Ω to 1 MΩ
22
Ω to 511 kΩ
Resistance tolerance
± 0.25 %; ± 0.1 %; ± 0.05 %; ± 0.01 %
± 0.1 %; ± 0.05 %
Temperature coefficient
± 10 ppm/K; ± 05 ppm/K; ± 02 ppm/K
± 10 ppm/K; ± 05 ppm/K
Operation mode
precision
precision
precision
Climatic category (LCT/UCT/days)
20/125/56
20/125/56
20/125/56
Rated dissipation:
P85
0.05 W
0.125 W
0.25 W
P70
0.1 W
0.25 W
0.5 W
Operating voltage,
Umax AC/DC
200 V
250 V
300 V
Film temperature
125
°C
125
°C
125
°C
Max. resistance change at
P70
for resistance range,
ΔR/R max., after:
100
Ω to 100 kΩ
100
Ω to 250 kΩ
100
Ω to 100 kΩ
2000 h
≤ 0.05 %
≤ 0.05 %
≤ 0.05 %
Max. resistance change at
P85
for resistance range,
ΔR/R max., after:
100
Ω to 100 kΩ
100
Ω to 250 kΩ
100
Ω to 100 kΩ
1000 h
≤ 0.02 %
≤ 0.02 %
≤ 0.02 %
8000 h
≤ 0.04 %
≤ 0.04 %
≤ 0.04 %
225000 h
≤ 0.12 %
≤ 0.12 %
≤ 0.12 %
Specified lifetime
225 000 h
225 000 h
225 000 h
Permissible voltage against ambient :
1 minute
300 V
500 V
800 V
continuous
75 V
75 V
75 V
Failure rate
≤ 0.7 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.1 x 10-9/h


Similar Description - UXA02040F3TCU00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com