Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RC32334-150BBI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 79RC32334-150BBI
Description  IDT Interprise Integrated Communications Processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32334-150BBI Datasheet(HTML) 1 Page - Integrated Device Technology

  79RC32334-150BBI Datasheet HTML 1Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 2Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 3Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 4Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 5Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 6Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 7Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 8Page - Integrated Device Technology 79RC32334-150BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1 of 30
August 31, 2004
© 2004 Integrated Device Technology, Inc.
DSC 5701
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
Features
RC32300 32-bit Microprocessor
– Up to 150 MHz operation
– Enhanced MIPS-II Instruction Set Architecture (ISA)
– Cache prefetch instruction
– Conditional move instruction
– DSP instructions
– Supports big or little endian operation
– MMU with 32 page TLB
– 8kB Instruction Cache, 2-way set associative
– 2kB Data Cache, 2-way set associative
– Cache locking per line
– Programmable on a page basis to implement a write-through
no write allocate, write-through write allocate, or write-back
algorithms for cache management
– Compatible with a wide variety of operating systems
Local Bus Interface
– Up to 75 MHz operation
– 26-bit address bus
– 32-bit data bus
– Direct control of local memory and peripherals
– Programmable system watch-dog timers
– Big or little endian support
Interrupt Controller simplifies exception management
Four general purpose 32-bit timer/counters
Programmable I/O (PIO)
– Input/Output/Interrupt source
– Individually programmable
SDRAM Controller (32-bit memory only)
– 4 banks, non-interleaved
– Up to 512MB total SDRAM memory supported
– Implements full, direct control of discrete, SODIMM, or DIMM
memories
– Supports 16Mb through 512Mb SDRAM device depths
– Automatic refresh generation
Serial Peripheral Interface (SPI) master mode interface
UART Interface
– Two 16550 compatible UARTs
– Baud rate support up to 1.5 Mb/s
– Modem control signals available on one channel
Memory & Peripheral Controller
– 6 banks, up to 64MB per bank
– Supports 8-,16-, and 32-bit interfaces
– Supports Flash ROM, SRAM, dual-port memory, and
peripheral devices
– Supports external wait-state generation
– 8-bit boot PROM support
– Flexible I/O timing protocols
Block Diagram
Figure 1 RC32334 Block Diagram
Note: This data sheet does not apply to revision Z silicon. Contact your IDT sales representative for information on revision Z.
Local
Memory/IO
Control
Interrupt Control
DMA Control
Dual UART
32-bit Timers
SPI Control
Programmable I/O
PCI Bridge
IDT
Peripheral
Bus
RISCore32300
Enhanced MIPS-II ISA
Integer CPU
RC5000
Compatible
CP0
32-page
TLB
EJTAG
In-Circuit Emulator Interface
2kB
2-set, Lockable
Data Cache
8kB
2-set
Lockable
Instr. Cache
IPBus
Bridge
SDRAM
Control
79RC32334—Rev. Y
IDTTM InterpriseTM Integrated
Communications Processor


Similar Part No. - 79RC32334-150BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
More results

Similar Description - 79RC32334-150BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
   IDT Interprise Integrated Communications Processor
RC32434 IDT-RC32434 Datasheet
877Kb / 53P
   IDT TInterprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com