Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V1264L200PGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT77V1264L200PGI
Description  Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V1264L200PGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT77V1264L200PGI Datasheet HTML 1Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 2Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 3Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 4Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 5Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 6Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 7Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 8Page - Integrated Device Technology IDT77V1264L200PGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2 of 49
December 2004
IDT77V1264L200
Applications
! Up to 204.8Mbps backplane transmission
! Rack-to-rack short links
! ATM Switches
77V1264L200 Overview
The 77V1264L200 is a four port implementation of the physical layer
standard for 25.6Mbps ATM network communications as defined by
ATM Forum document af-phy-040.000 and ITU-T I.432.5. The physical
layer is divided into a Physical Media Dependent sub layer (PMD) and
Transmission Convergence (TC) sub layer. The PMD sub layer includes
the functions for the transmitter, receiver and clock recovery for opera-
tion across 100 meters of category 3 and 5 unshielded twisted pair
(UTP) cable. This is referred to as the Line Side Interface. The TC sub
layer defines the line coding, scrambling, data framing and synchroniza-
tion.
On the other side, the 77V1264L200 interfaces to an ATM layer
device (such as a switch core or SAR). This cell level interface is config-
urable as either an 8-bit Utopia Level 1 Multi-PHY, 16-bit Utopia Level 2,
or four 4-bit DPI interface, as determined by two MODE pins. This is
referred to as the PHY-ATM Interface. The pinout and front page block
diagram are based on the Utopia 2 configuration. Table 3 shows the
corresponding pin functions for the other two modes, and Figure 2 and
Figure 3 show functional block diagrams.
The 77V1264L200 is based on the 77105, and maintains significant
register compatibility with it. The 77V1264L200, however, has additional
register features, and also duplicates most of its registers to provide
significant independence between the four ports.
Access to these status and control registers is through the utility bus.
This is an 8-bit muxed address and data bus, controlled by a conven-
tional asynchronous read/write handshake.
Additional pins permit insertion and extraction of an 8kHz timing
marker, and provide LED indication of receive and transmit status.
Auto-Synchronization and Good Signal Indica-
tion
The 77V1264L200 features a new receiver synchronization algorithm
that allow it to achieve 4b/5b symbol framing on any valid data stream.
This is an improvement on earlier products which could frame only on
the escape symbol, which occurs only in start-of-cell or 8kHz (X8) timing
marker symbol pairs.
ATM25 transceivers always transmit valid 4b/5b symbols, allowing
the 77V1264L200 receive section to achieve symbol framing and prop-
erly indicate receive signal status, even in the absence of ATM cells or
8kHz (X8) timing markers in the receive data stream. A state machine
monitors the received symbols and asserts the “Good Signal” status bit
when a valid signal is being received. “Good Signal” is deasserted and
the receive FIFO is disabled when the signal is lost. This is sometimes
referred to as Loss of Signal (LOS).
Operation at Speeds Above 25 Mbps
In addition to operation at the standard rate of 25.6 Mbps, the
77V1264L200 can be operated at a range of data rates, up to 204.8
Mbps, as shown in Table 3. For 204.8Mbps data rate applications,
ST6200T magnetics from Pulse Engineering can be used. These
magnetics have been tested to work over 10 meters of UTP 5 cable at
204.8Mbps. The rate is determined by the frequency of the OSC clock,
multiplied by the internal PLL clock multiplier factor (1x, 2x or 4x) as
determined in the Enhanced Control 2 Registers. Although the OSC
clock frequency is common to all ports of the PHY, the clock multiplier
factor can be set individually for each port. As an example, with a 64
MHz oscillator, this allows some ports to operate at 51.2 Mbps while
other ports are simultaneously operating at 204.8 Mbps.
When operating at clock multiples other than 1x, use of the RXREF
pin requires that the RXREF Pulse Width Select field in the LED Driver
and HEC Status/Control Registers be programmed to a value greater
than the default of 1 cycle.
Also, the PHY loopback mode without clock recovery (10) in the
Diagnostic Control Registers works only when the clock multiplier is 1x.
For higher multiples, the PHY loopback mode (01) with clock recovery
must be used.
Except as noted above, these higher speed configurations operate
exactly the same as the basic 25.6 Mbps configuration. The scrambling
and encoding are unchanged.
Table 1 shows some of the different data rates the PHY can operate
at with a 32MHz or 64MHz oscillator. Note that any oscillator frequency
between 32MHz and 64MHz can be used. For example, if a 48MHz
oscillator is used and the multiplier is set to 4x, the data rate would be
153.6Mbps.
Reference
Clock (OSC)
Clock Multiplier
Control Bits
(Enhanced Control 2
Registers)
Line Bit
Rate
(MHz)
Data
Rate
(Mbps)
32 MHz
00 (1x)
32
25.6
01 (2x)
64
51.2
10 (4x)
128
102.4
64 MHz
00 (1x)
64
51.2
01 (2x)
128
102.4
10 (4x)
256
204.8
Table 1 200 Speed Grade Option


Similar Part No. - IDT77V1264L200PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200TFI IDT-IDT77V126L200TFI Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
More results

Similar Description - IDT77V1264L200PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
logo
PMC-Sierra, Inc
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com