Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75B5LA060 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # PM75B5LA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75B5LA060 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button PM75B5LA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PM75B5LA060 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75B5LA060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
(CONVERTER PART)
10–2
100
7
5
3
2
100
10–1
7
5
3
2
23
5 7
101
23
5 7
102
tc(on)
tc(off)
100
23
5 7
101
23
5 7
102
10–1
101
7
5
3
2
100
7
5
3
2
toff
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
Inductive load
ton
ton
100
23
5 7
101
23
5 7
102
10–2
101
10–1
100
7
5
3
2
7
5
3
2
7
5
3
2
ESW(on)
ESW(off)
ESW(on)
ESW(off)
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
Inductive load
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
Inductive load
tc(off)
toff
40
60
20
100
80
0
0
1
0.5
1.5
2
Tj = 25°C
15V
13V
VD = 17V
2
1.5
1
0.5
0
0
20
40
60
80
100
VD = 15V
Tj = 25°C
Tj = 125°C
2
1.5
1
0.5
0
18
13
12
15
14
17
16
IC = 75A
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
CONTROL SUPPLY VOLTAGE VD (V)
SWITCHING TIME CHARACTERISTICS
(Lower Arm · TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME CHARACTERISTICS
(Lower Arm · TYPICAL)
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
SWITCHING LOSS CHARACTERISTICS
(Lower Arm · TYPICAL)


Similar Part No. - PM75B5LA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75B5LA060 MITSUBISHI-PM75B5LA060 Datasheet
178Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75B5LA060 MITSUBISHI-PM75B5LA060_11 Datasheet
178Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75B5LA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com