Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT3805DQI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT49FCT3805DQI
Description  3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805DQI Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT49FCT3805DQI Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805DQI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT49FCT3805D/E
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
CON TROL
INPU T
OUTPUT
NOR MA LLY
LOW
OUTPUT
NOR MA LLY
HIGH
3V
1.5V
0V
VOH
VOL
SW ITC H
CLOSE D
SW ITCH
OPEN
VOH
0.3V
0.3V
t PLZ
tPZL
tPZH
tPHZ
VOH
VOL
1.5V
1.5V
EN ABLE
DISABLE
INPU T
tPLH1
PACKA GE 1
OUTPUT
tSK(PP)
tPLH2
1.5V
VOL
tPHL2
tSK(PP) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
PACKA GE 2
OUTPUT
3V
0V
VOH
1.5V
1.5V
VOL
VOH
tPHL1
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
tR
tF
2.0V
0.8V
INPUT
OUTPUT
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
IN PU T
OUTPUT
tSK(P) = |tPLH - tPLH|
VOL
tSK(PP)
Enable and Disable Times
Part-to-Part Skew - tSK(PP)
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH
Propagation Delay
TEST CIRCUITS AND WAVEFORMS
Pulse Skew
Part-to-Part Skew is for the same package and speed grade.


Similar Part No. - IDT49FCT3805DQI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT49FCT3805DQI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com