Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT38075DCGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT38075DCGI
Description  3.3V CMOS 1-TO-5 CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT38075DCGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT38075DCGI Datasheet HTML 1Page - Integrated Device Technology IDT74FCT38075DCGI Datasheet HTML 2Page - Integrated Device Technology IDT74FCT38075DCGI Datasheet HTML 3Page - Integrated Device Technology IDT74FCT38075DCGI Datasheet HTML 4Page - Integrated Device Technology IDT74FCT38075DCGI Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDT74FCT38075
3.3V CMOS 1-TO-5 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
AUGUST 2004
2004 Integrated Device Technology, Inc.
DSC-6593/6
c
IDT74FCT38075
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS
1-TO-5 CLOCK DRIVER
DESCRIPTION:
The FCT38075 is a 3.3V clock driver built using advanced CMOS
technology. This low skew clock driver offers 1:5 fanout. The large fanout from
a single input reduces loading on the preceding driver and provides an efficient
clock distribution network. Multiple power and grounds reduce noise. Typical
applications are clock and signal distribution.
FUNCTIONAL BLOCK DIAGRAM
IN
O1
O2
O3
O4
O5
PIN CONFIGURATION
VCC
GND
O1
O4
O5
IN
O3
O2
1
2
3
4
5
6
7
8
SOIC
TOP VIEW
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 250ps (max.)
• High speed propagation delay< 3ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:5 fanout
• Maximum output rise and fall time < 1.5ns (max.)
• Low input capacitance: 3pF typical
•VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SOIC package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT74FCT38075DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results

Similar Description - IDT74FCT38075DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com