Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71P73204250BQ Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71P73204250BQ
Description  18Mb Pipelined DDR?줚I SRAM Burst of 4
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P73204250BQ Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71P73204250BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 9Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 10Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 11Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6.42
8
IDT71P73204 (2M x 8-Bit), 71P73104 (2M x 9-Bit), 71P73804 (1M x 18-Bit) 71P73604 (512K x 36-Bit)
18 Mb DDR II SRAM Burst of 4
Commercial Temperature Range
Pin Configuration IDT71P73604 (512K x 36)
165-ball FBGA Pinout
TOP VIEW
1
2
3
4
56789
10
11
A
CQ
VSS/
SA (3)
NC/
SA (1)
R
/W
BW2
KBW1
LD
SA
VSS/
SA (2)
CQ
B
NC
DQ27
DQ18
SA
BW3
K
BW0
SA
NC
NC
DQ8
C
NC
NC
DQ28
VSS
SA
SA0
SA1
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
6431 tbl 12c
NOTES:
1. A3 is reserved for the 36Mb expansion address
2. A10 is reserved for the 72Mb expansion address.
3. A2 is reserved for the 144Mb expansion address.


Similar Part No. - IDT71P73204250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P73204250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8180D18D GSI-GS8180D18D Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com