Part Name
         Description
IDT74FCT38074

 3.3V CMOS 1-TO-4 CLOCK DRIVER ( 5 Page)


IDT
100% 
Zoom Out Zoom In
   
 1 page
background image
1
IDT74FCT38074
3.3V CMOS 1-TO-4 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
AUGUST 2004
2004 Integrated Device Technology, Inc.
DSC-6594/6
c
IDT74FCT38074
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS
1-TO-4 CLOCK DRIVER
DESCRIPTION:
The FCT38074 is a 3.3V clock driver built using advanced CMOS
technology. This low skew clock driver offers 1:4 fanout. The large fanout from
a single input reduces loading on the preceding driver and provides an efficient
clock distribution network. Multiple power and grounds reduce noise. Typical
applications are clock and signal distribution.
FUNCTIONAL BLOCK DIAGRAM
IN
O1
O2
O3
O4
PIN CONFIGURATION
VCC
GND
O1
O4
VCC
IN
O3
O2
1
2
3
4
5
6
7
8
SOIC
TOP VIEW
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 250ps (max.)
• High speed propagation delay< 3ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:4 fanout
• Maximum output rise and fall time < 1.5ns (max.)
• Low input capacitance: 3pF typical
•VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SOIC package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PI74LPT244_06Fast CMOS 3.3V 8-Bit Buffer/Line Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
XRK325103.3V PHASE-LOCK LOOP CLOCK DRIVER WITH 10 CLOCK OUTPUTS 1 2 3 4 5 MoreExar Corporation
MC100EP14_063.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC100LVE111_063.3V ECL 1:9 Differential Clock Driver 1 2 3 4 5 MoreON Semiconductor
XRK399103.3V LOW SKEW PLL CLOCK DRIVER 1 2 3 4 5 MoreExar Corporation
82C84A_05CMOS Clock Generator Driver 1 2 3 4 5 MoreIntersil Corporation
CCHD-950Ultra-Low Phase Noise Clock Oscillator 9X14 mm SMD 3.3V CMOS 1 List of Unclassifed Manufacturers
SY89809L_053.3V 1:9 HIGH-PERFORMANCE LOW-VOLTAGE BUS CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
IDT49FCT3805B3.3V CMOS BUFFER/CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SY89824L_073.3V 1:22 HIGH-PERFORMANCE LOW VOLTAGE BUS CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl