Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75N42102 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 75N42102
Description  NETWORK SEARCH ENGINE 32K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75N42102 Datasheet(HTML) 2 Page - Integrated Device Technology

  75N42102 Datasheet HTML 1Page - Integrated Device Technology 75N42102 Datasheet HTML 2Page - Integrated Device Technology 75N42102 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N42102
SRAM Interface
The NSE provides all required address and control signals for a
glueless SRAM interface. The NSE provides a pipelined bypass path for
reads or writes to the external SRAM. The ASIC/FPGA handles the
pipelining of the data to and from the SRAM.
Registers
There are four basic types of registers supported:
ConfigurationRegistersareusedatinitializationtodefinethe
segmentation of the entries, timing of outputs and the SRAM interface.
Global Mask Registers are provided to support Lookup
instructions by masking individual bits during a search.
Search Result Registers are used to store the resulting index of
a search from a Lookup operation.
Reply Width Registers are used with Lookup operations.
Functional Highlights
Figure 1.1
Bus Interface
The NSE utilizes a dual bus interface consisting of the NSE Request
Bus and the NSE Response Bus.
The NSE Request Bus is comprised of the Command Bus and the
RequestDataBus. TheCommandBushandlestheinstructiontotheNSE
while the Request Data Bus is the main data path to the NSE.
The72bitbi-directionalRequestDataBusfunctionsasamultiplexed
address and data bus, which performs the writing and reading of NSE
entries, as well as presenting lookup data to the device.
The NSE Response Bus is comprised of an independent unidirec-
tional Index Bus which drives the result of the lookup (or index) to either
an SRAM device or an ASIC. In addition to driving the Index, the NSE
ResponseBusalsodrivestheassociatedSRAMcontrolsignals(
CE/OE,
and
WE)foreitherZBT™ orSynchronousPipelineBurst SRAMdevices.
Data and Mask Array
The NSE has Data cell entries and associ-
atedMaskcellentriesasshowninFig.1.1. This
combination of Data and Mask cell entries en-
ables the NSE to store 0, 1 or X, making it a full
ternary Network Search Engine. During a
lookup operation, both arrays are used along
with a Global Mask Register to find a match to a
requested data word.
A6457 drw 03
Da t a
Mask
Features
Full Ternary 32K x 72 bit content addressable memory
GlobalMaskRegisters
40/72/144/288multiplewidthlookups
200M sustained lookups per second at 72 and 144 width lookups
Dualbusinterface
Cascadable to 8 devices with no glue logic or latency penalty
GluelessinterfacetostandardZBT™or
Synchronous Pipelined Burst SRAMs
BoundaryScanJTAGInterface(IEEE1149.1compliant)
1.5V match power supply
2.5V core and I/O power supply
Command Bus
TheCommandBusloadsthe specificinstructionsintotheNSE.These
include:
Read or Write
A Read or Write instruction operates on a specified data entry, mask
entry, register or external SRAM.
SRAM No Wait Read
AnSRAMNoWaitReadisaReadinstructiontoanexternalSRAMthat
canbepipelinedwithinaseriesofoperationsanddoesnotrequiretheuser
to wait for the Read to complete before loading the next instruction.
Lookup
A lookup can be requested in 40-bit, 72-bit, 144-bit or 288-bit widths.
SMDL Lookup
ThethreeSMDLLookupinstructionsoffertheabilitytosimultaneously
search in mutually exclusive databases which increases the search rate
up to 200 MSPS.


Similar Part No. - 75N42102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
More results

Similar Description - 75N42102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
logo
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
   32K x 68-bit Entry NETWORK SEARCH ENGINE
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com