Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380D-250BZXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1380D-250BZXC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380D-250BZXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1380D-250BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380D-250BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CY7C1380D, CY7C1380F
CY7C1382D, CY7C1382F
Document #: 38-05543 Rev. *E
Page 2 of 30
Logic Block Diagram – CY7C1380D/CY7C1380F [3] (512K x 36)
Logic Block Diagram – CY7C1382D/CY7C1382F [3] (1M x 18)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER
AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWE
GW
CE 1
CE 2
CE 3
OE
ENABLE
REGISTER
OUTPUT
REGISTERS
SENSE
AMPS
OUTPUT
BUFFERS
E
PIPELINED
ENABLE
INPUT
REGISTERS
A0, A1, A
BW B
BW C
BW D
BW A
MEMORY
ARRAY
DQs
DQP A
DQP B
DQP C
DQP D
SLEEP
CONTROL
ZZ
A[1:0]
2
DQ A ,DQP A
BYTE
WRITE REGISTER
DQ B , DQP B
BYTE
WRITE REGISTER
DQ C , DQP C
BYTE
WRITE REGISTER
DQ D ,DQP D
BYTE
WRITE REGISTER
DQ A ,DQP A
BYTE
WRITE DRIVER
DQ B , DQP B
BYTE
WRITE DRIVER
DQ C , DQP C
BYTE
WRITE DRIVER
DQ D ,DQP D
BYTE
WRITE DRIVER
A0, A1, A
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
Q1
ADSC
BW B
BW A
CE 1
DQ B, DQP B
WRITE REGISTER
DQ A,DQP A
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
MEMORY
ARRAY
2
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs
DQP A
DQP B
OUTPUT
INPUT
DQ A,DQP A
WRITE DRIVER
OUTPUT
BUFFERS
DQ B, DQP B
WRITE DRIVER
ZZ
SLEEP
CONTROL
Note:
3. CY7C1380F and CY7C1382F have only 1 chip enable (CE1).


Similar Part No. - CY7C1380D-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D-250BZXC CYPRESS-CY7C1380D-250BZXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380D-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com