Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM50CBS060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM50CBS060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50CBS060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM50CBS060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50CBS060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50CBS060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50CBS060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50CBS060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50CBS060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50CBS060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
ID
°C
°C
V
V
mA
mA
ms
60
18
1.8
2.3
180
150
155
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Over Current
Trip Level
Short Circuit
Trip Level
Over Current Delay Time
Over Temperature protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
OC
SC
toff(OC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
CONTROL PART
1.2
1.7
85
65
135
11.5
1.0
Parameter
Symbol
Test Conditions
Max.
Min.
Typ.
Unit
Limits
40
13
1.5
2.0
110
132
10
145
125
12.0
12.5
10
1.8
(Note-2) Fault output is given only when the internal OC, SC, OT & UV protection.
Fault output of OC, SC, OT & UV protection operate by lower arm.
Fault output of OC, SC protection given pulse.
Fault output of OT, UV protection given pulse while over trip level.
Detect Tj of IGBT chip
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
µs
3.5
3.5
Main terminal
screw : M5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Conditions
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
400
MECHANICAL RATINGS AND CHARACTERISTICS
VD = 15V
(Fig. 5,6)
–20
≤ Tj ≤ 125°C, VD = 15V (Fig. 5,6)
VD = 15V
(Fig. 5,6)
VN1-VNC
VXP1-VXPC
Tj = –20
°C
Tj = 25
°C
Tj = 125
°C
A
A
V
V
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Test Conditions
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Using Application Circuit of Fig.8
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 400
15.0
± 1.5
≤ 0.8
≥ 4.0
≤ 20
≥ 2.5
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
V
(Note-3) With ripple satisfying the following conditions
dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak


Similar Part No. - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50CBS060 POWEREX-PM50CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
More results

Similar Description - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com