Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1415AV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1415AV18
Description  36-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1415AV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1415AV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1415AV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CY7C1411AV18
CY7C1426AV18
CY7C1413AV18
CY7C1415AV18
Document Number: 38-05614 Rev. *C
Page 6 of 28
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals, sampled on the rising edge of K and K clocks during valid write
operations.
CY7C1411AV18
− D
[7:0]
CY7C1426AV18
− D
[8:0]
CY7C1413AV18
− D
[17:0]
CY7C1415AV18
− D
[35:0]
WPS
Input-
Synchronous
Write Port Select, active LOW. Sampled on the rising edge of the K clock. When asserted active,
a Write operation is initiated. Deasserting will deselect the Write port. Deselecting the Write port
will cause D[x:0] to be ignored.
NWS0,
NWS1,
Input-
Synchronous
Nibble Write Select 0, 1
− active LOW.(CY7C1411AV18 Only) Sampled on the rising edge of
the K and K clocks during Write operations. Used to select which nibble is written into the device
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble
Write Select will cause the corresponding nibble of data to be ignored and not written into the
device.
BWS0,BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− active LOW. Sampled on the rising edge of the K and K clocks
during Write operations. Used to select which byte is written into the device during the current
portion of the Write operations. Bytes not written remain unaltered.
CY7C1426AV18
− BWS
0 controls D[8:0]
CY7C1413AV18
− BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1415AV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write
Select will cause the corresponding byte of data to be ignored and not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active Read and Write opera-
tions. These address inputs are multiplexed for both Read and Write operations. Internally, the
device is organized as 4M x 8 (4 arrays each of 1M x 8) for CY7C1411AV18, 4M x 9 (4 arrays
each of 1M x 9) for CY7C1426AV18,2M x 18 (4 arrays each of 512K x 18) for CY7C1413AV18
and 1M x 36 (4 arrays each of 256K x 36) for CY7C1415AV18. Therefore, only 20 address inputs
are needed to access the entire memory array of CY7C1411AV18 and CY7C1426AV18, 19
address inputs for CY7C1413AV18 and 18 address inputs for CY7C1415AV18. These inputs are
ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a Read operation. Valid
data is driven out on the rising edge of both the C and C clocks during Read operations or K and
K. when in single clock mode. When the Read port is deselected, Q[x:0] are automatically
tri-stated.
CY7C1411AV18
− Q
[7:0]
CY7C1426AV18
− Q
[8:0]
CY7C1413AV18
− Q
[17:0]
CY7C1415AV18
− Q
[35:0]
RPS
Input-
Synchronous
Read Port Select, active LOW. Sampled on the rising edge of Positive Input Clock (K). When
active, a Read operation is initiated. Deasserting will cause the Read port to be deselected. When
deselected, the pending access is allowed to complete and the output drivers are automatically
tri-stated following the next rising edge of the C clock. Each Read access consists of a burst of
four sequential transfers.
C
Input-
Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the Read
data from the device. C and C can be used together to deskew the flight times of various devices
on the board back to the controller. See application example for further details.
C
Input-
Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the Read
data from the device. C and C can be used together to deskew the flight times of various devices
on the board back to the controller. See application example for further details.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the
device and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated
on the rising edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the
device and to drive out data through Q[x:0] when in single clock mode.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1415AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1415AV18 CYPRESS-CY7C1415AV18 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1415AV18-167BZC CYPRESS-CY7C1415AV18-167BZC Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1415AV18-167BZI CYPRESS-CY7C1415AV18-167BZI Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1415AV18-167BZXC CYPRESS-CY7C1415AV18-167BZXC Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1415AV18-167BZXI CYPRESS-CY7C1415AV18-167BZXI Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1415AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18 Datasheet
644Kb / 26P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com