Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1393BV18-167BZXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1393BV18-167BZXI
Description  18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1393BV18-167BZXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1393BV18-167BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1393BV18-167BZXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CY7C1392BV18
CY7C1992BV18
CY7C1393BV18
CY7C1394BV18
Document Number: 38-05623 Rev. *C
Page 10 of 27
Write Cycle Descriptions (CY7C1394BV18)[2, 8]
BWS0 BWS1 BWS2 BWS3
KK
Comments
L
L
L
L
L-H
During the Data portion of a Write sequence, all four bytes (D[35:0]) are written into
the device.
L
L
L
L
L-H During the Data portion of a Write sequence, all four bytes (D[35:0]) are written into
the device.
L
H
H
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
L
H
H
H
L-H During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
H
L
H
H
L-H
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] will remain unaltered.
H
L
H
H
L-H During the Data portion of a Write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] will remain unaltered.
H
H
L
H
L-H
During the Data portion of a Write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] will remain unaltered.
H
H
L
H
L-H During the Data portion of a Write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] will remain unaltered.
H
H
H
L
L-H
During the Data portion of a Write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] will remain unaltered.
H
H
H
L
L-H During the Data portion of a Write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] will remain unaltered.
HHHH
L-H
No data is written into the device during this portion of a Write operation.
HHHH
L-H No data is written into the device during this portion of a Write operation.
Write Cycle Descriptions (CY7C1992BV18)[2, 8]
BWS0
KK
Comments
L
L-H
During the Data portion of a Write sequence, the single byte (D[8:0]) is written into the device.
L
L-H
During the Data portion of a Write sequence, the single byte (D[8:0]) is written into the device.
H
L-H
No data is written into the device during this portion of a Write operation.
H
L-H
No data is written into the device during this portion of a Write operation.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1393BV18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1393AV18 CYPRESS-CY7C1393AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-167BZC CYPRESS-CY7C1393AV18-167BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-200BZC CYPRESS-CY7C1393AV18-200BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393AV18-250BZC CYPRESS-CY7C1393AV18-250BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1393CV18 CYPRESS-CY7C1393CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1393BV18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com