Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381DV25-133BZXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1381DV25-133BZXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381DV25-133BZXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1381DV25-133BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381DV25-133BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
CY7C1381DV25, CY7C1381FV25
CY7C1383DV25, CY7C1383FV25
Document #: 38-05547 Rev. *E
Page 2 of 28
Logic Block Diagram – CY7C1381DV25/CY7C1381FV25 [3] (512K x 36)
Logic Block Diagram – CY7C1383DV25/CY7C1383FV25 [3] (1M x 18)
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A[1:0]
DQs
DQP A
DQP B
DQP C
DQP D
A0, A1, A
ADV
CLK
ADSP
ADSC
BW D
BW C
BW B
BW A
BWE
CE1
CE2
CE3
OE
GW
SLEEP
DQ A,
DQP A
BYTE
WRITE REGISTER
DQ B,
DQP B
WRITE REGISTER
DQ C ,
DQP C
WRITE REGISTER
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ C ,
DQP C
WRITE REGISTER
DQ B,
DQP B
WRITE REGISTER
DQ A,
DQP
BYTE
WRITE REGISTER
ADDRESS
REGISTER
ADV
BURST
COUNTER AND
Q1
Q0
CE 1
OE
SENSE
AMPS
MEMORY
ARRAY
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE 2
CE 3
GW
BWE
A0,A1,A
BW B
BW A
DQ B,DQP B
DQ A,DQP A
ENABLE
A[1:0]
DQs
DQP A
DQP B
DQ B,DQP B
WRITE DRIVER
DQ A,DQP A
WRITE DRIVER
SLEEP
CONTROL
Note
3. CY7C1381FV25 and CY7C1383FV25 have only 1 chip enable (CE1).
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381DV25-133BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381DV25-133BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com