Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSS273 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FSS273
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS273 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FSS273 Datasheet HTML 1Page - Sanyo Semicon Device FSS273 Datasheet HTML 2Page - Sanyo Semicon Device FSS273 Datasheet HTML 3Page - Sanyo Semicon Device FSS273 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSS273
No. A0329-1/4
Features
Motor drive applications.
Inverter drive applications.
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
45
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
8A
Drain Current (PW
≤10s)
ID
Duty cycle
≤1%
8.5
A
Drain Current (PW
≤10µs)
IDP
Duty cycle
≤1%
32
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1200mm2!0.8mm), PW
≤10s
2.4
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
45
V
Zero-Gate Voltage Drain Current
IDSS
VDS=45V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
yfs
VDS=10V, ID=8A
6
10
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=8A, VGS=10V
16
22
m
RDS(on)2
ID=4A, VGS=4V
24
34
m
Input Capacitance
Ciss
VDS=20V, f=1MHz
2225
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
260
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
190
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
27
ns
Rise Time
tr
See specified Test Circuit.
55
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
150
ns
Fall Time
tf
See specified Test Circuit.
80
ns
Marking : S273
Continued on next page.
Ordering number : ENA0329
80906 / 22006PA MS IM TB-00002037
FSS273
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - FSS273

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS275 SANYO-FSS275 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FSS275 SANYO-FSS275 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
FSS275-TL-E SANYO-FSS275-TL-E Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - FSS273

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com