Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C198A-35JMB Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C198A-35JMB
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C198A-35JMB Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C198A-35JMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C198A-35JMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P4C198/198L, P4C198A/198AL
Page 6 of 13
Document # SRAM113 REV A
-10
-12
-15
-20
-25
-35
-45
Min Max Min Max Min Max Min Max Min Max Min Max Min Max
t
WC
Write Cycle Time
10
12
13
15
20
30
40
ns
t
CW
Chip Enable Time
7
8
10
15
20
30
35
ns
to End of Write
t
AW
Address Valid to
8
8
10
15
20
25
35
ns
End of Write
t
AS
Address Set-up
0
0
0000
0
ns
Time
t
WP
Write Pulse
8
9
10
12
20
25
35
ns
Width
t
AH
Address Hold
0
0
0000
0
ns
Time from End
of Write
t
DW
Data Valid to End
7
6
7
10
13
15
20
ns
of Write
t
DH
Data Hold Time
0
0
0000
0
ns
t
WZ
Write Enable to
7
6
7
8
10
10
15
ns
Output in High Z
t
OW
Output Active
3
3
3333
3
ns
from End of Write
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
Parameter
Unit
WRITE CYCLE NO. 1 (With OE
OE
OE
OE
OE high)


Similar Part No. - P4C198A-35JMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C198 ETC-P4C198 Datasheet
83Kb / 10P
   ULTRA HIGH SPEED 16K x 4
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C1981-10DC ETC1-P4C1981-10DC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981-10DM ETC1-P4C1981-10DM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C198A-35JMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com