Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C170-45FSM Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P4C170-45FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C170-45FSM Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P4C170-45FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C170-45FSM Datasheet HTML 14Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
P4C168, P4C169, P4C170
Page 10 of 15
Document # SRAM107 REV A
CERPACK CERAMIC FLAT PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.090
b
0.015
0.022
c
0.004
0.009
D-
0.530
E
0.305
0.355
e
k
0.005
0.018
L
0.250
0.370
Q
0.026
0.045
S-
0.085
S1
0.005
-
F2
20
0.050 BSC
SIDE BRAZED DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A-
0.200
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D-
1.060
E
0.220
0.310
eA
e
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
C6
20 (300 mil)
0.300 BSC
0.100 BSC


Similar Part No. - P4C170-45FSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C170 ETC1-P4C170 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DC ETC1-P4C17012DC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DM ETC1-P4C17012DM Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012DMB ETC1-P4C17012DMB Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C17012JC ETC1-P4C17012JC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C170-45FSM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com