Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO120 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PO120
Description  75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PO120 Datasheet(HTML) 2 Page - Electronic devices inc.

  PO120 Datasheet HTML 1Page - Electronic devices inc. PO120 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NON- REPETITIVE SURGE CURRENT
500
750
250
125
1
NUMBER OF CYCLES AT 60 HZ
PO
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Figure 2
80
60
40
20
0
0
25
50
75
100
125
150
Figure 1
CURRENT DERATING
TC TEMPERATURE O(C)
2
4
6
10
20
40
60
8
375
625
875
1000
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
120
100
PO
120
PO SERIES MECHANICAL OUTLINE
+
+
+
+
+
+
1.07
(27.17)
REF.
0.177(4.50)
DIA.(TYP.)
1.75
(44.45)
TERMINAL
.375(9.53)HEX.
WITH 10-32 SCREW
4 PALCE
1.63(41.40)
REF.
2.25 (57.15)
1.08
(27.43)
MAX.
1.88 (47.75)
0.02(0.51)MIN.
0.177
(4.50)
DIMENSIONS IN INCHES
(MILLIMETERS)
AC
AC
+
-
PO
75
PO
100
NOTE: A thin film of silicone thermal compound is recommended between the Bridge
case and mounting surface for improved thermal conduction.


Similar Part No. - PO120

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PO125 PURDY-PO125 Datasheet
113Kb / 1P
   DC Fans and Blowers
PO125-12D-1238B-2 PURDY-PO125-12D-1238B-2 Datasheet
113Kb / 1P
   DC Fans and Blowers
PO125-24D-1238B-2 PURDY-PO125-24D-1238B-2 Datasheet
113Kb / 1P
   DC Fans and Blowers
PO125-48D-1238B-2 PURDY-PO125-48D-1238B-2 Datasheet
113Kb / 1P
   DC Fans and Blowers
More results

Similar Description - PO120

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
POT EDI-POT Datasheet
53Kb / 2P
   75, 100 and 120 Ampere Three Phase Br idges o Provides 0.23 C/W Junction-to-Case, Thermal Resistance
logo
MORE Semiconductor Comp...
MSN6007F MORESEMI-MSN6007F Datasheet
581Kb / 4P
   Thermal Resistance,Junction-to-Case
logo
New Jersey Semi-Conduct...
2N5671 NJSEMI-2N5671 Datasheet
343Kb / 3P
   THERMAL RESISTANCE JUNCTION-CASE
logo
Luminus, Inc
CBT-90 LUMINUS-CBT-90 Datasheet
1Mb / 17P
   High thermal conductivity package - junction to case thermal resistance of only 0.8째C/W
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
   Thermal resistance junction to mounting base Thermal resistance junction to ambient
logo
International Rectifier
IRFHM9331TRPBF IRF-IRFHM9331TRPBF Datasheet
331Kb / 8P
   Low Thermal Resistance to PCB (<6.0째C/W)
logo
List of Unclassifed Man...
5063JD ETC1-5063JD Datasheet
199Kb / 7P
   0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Astec America, Inc
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com