Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72403L10SOB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72403L10SOB
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72403L10SOB Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT72403L10SOB Datasheet HTML 1Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 2Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 3Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 4Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 5Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 6Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 7Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 8Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-360-1753
San Jose, CA 95138
fax: 408-284-2775
email:FIFOhelp@idt.com
www.idt.com
ORDERING INFORMATION
IDT
XXXXX
Device Type
X
Speed
X
Power
X
Package
X
Process/
Temperature
Range
Blank
B
P
D
SO
L
72401
72403
45
35
25
15
10
Commercial (0
°C to+70°C)
Military (-55
°C to+125°C)
Compliant to MIL-STD-883, Class B
Plastic DIP
CERDIP
Small Outline IC
Commercial Only
Commercial and Military
Commercial and Military>72401 only
Commercial and Military>72401 only
Commercial and Military
Low Power
64 x 4 FIFO
64 x 4 FIFO
Shift Frequency (fs)
Speed in MHz
2747 drw 16
300 mil, P16-1
300 mil, D16-1
SOIC, SO16-1
NOTE:
1. Industrial temperature range is available by special order.
DATASHEET DOCUMENT HISTORY
07/10/2003
pgs.
2, 3, and 9.
10/27/2005
pgs.
1- 9.


Similar Part No. - IDT72403L10SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72403L10SOB IDT-IDT72403L10SOB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72403L10SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com