Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72401L10DB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72401L10DB
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72401L10DB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72401L10DB Datasheet HTML 1Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 2Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 3Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 4Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 5Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 6Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 7Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 8Page - Integrated Device Technology IDT72401L10DB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
IDT72401/72403
CMOS PARALLEL FIFO 64 x 4, 64 x 5
MILITARY AND COMMERCIAL
TEMPERATURE RANGES
OPERATINGCONDITIONS
(Commercial: VCC = 5.0V ± 10%, TA = 0°C to +70°C; Military: VCC = 5.0V ± 10%, TA = –55°C to +125°C)
Commercial
Commercial and Military(5)
IDT72401L45
IDT72401L35
IDT72401L25
IDT72401L15
IDT72401L10
IDT72403L45
IDT72403L35
IDT72403L25
IDT72403L15
IDT72403L10
Symbol
Parameter
Figure
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tSIH(1)
Shift in HIGH Time
2
9
9
11
11
11
ns
tSIL
Shift in LOW TIme
2
11
17
24
25
30
ns
tIDS
Input Data Set-up
2
0
0
0
0
0
ns
tIDH
Input Data Hold Time
2
13
15
20
30
40
ns
tSOH(1)
Shift Out HIGH Time
5
9
9
11
11
11
ns
tSOL
Shift Out LOW Time
5
11
17
24
25
25
ns
tMRW
Master Reset Pulse
8
20
25
25
25
30
ns
tMRS
Master Reset Pulse to SI
8
10
10
10
25
35
ns
tSIR
Data Set-up to IR
4
3
3
5
5
5
ns
tHIR
Data Hold from IR
4
13
15
20
30
30
ns
tSOR(4)
Data Set-up to OR HIGH
7
0
0
0
0
0
ns
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5.0V ± 10%, TA = 0°C to +70°C; Military: VCC = 5.0V ± 10%, TA = –55°C to +125°C)
Commercial
Commercial and Military(5)
IDT72401L45
IDT72401L35
IDT72401L25
IDT72401L15
IDT72401L10
IDT72403L45
IDT72403L35
IDT72403L25
IDT72403L15
IDT72403L10
Symbol
Parameter
Figure
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fIN
Shift In Rate
2
45
35
25
15
10
M H z
tIRL(1)
Shift In to Input Ready LOW
2
18
18
21
35
40
ns
tIRH(1)
Shift In to Input Ready HIGH
2
18
20
28
40
45
ns
fOUT
Shift Out Rate
5
45
35
25
15
10
M H z
tORL(1)
Shift Out to Output Ready LOW
5
18
18
19
35
40
ns
tORH(1)
Shift Out to Output Ready HIGH
5
19
20
34
40
55
ns
tODH
Output Data Hold (Previous Word)
5
5
5
5
5
5
ns
tODS
Output Data Shift (Next Word)
5
19
20
34
40
55
ns
tPT
Data Throughput or "Fall-Through"
4, 7
30
34
40
65
65
ns
tMRORL
Master Reset to OR LOW
8
25
28
35
35
40
ns
tMRIRH
Master Reset to IR HIGH
8
25
28
35
35
40
ns
tMRQ
Master Reset to Data Output LOW
8
20
20
25
35
40
ns
tOOE(3)
Output Valid from
OE LOW
9
12
15
20
30
35
ns
tHZOE(3,4)
Output High-Z from
OE HIGH
9
12
12
15
25
30
ns
tIPH(2,4)
Input Ready Pulse HIGH
4
9
9
11
11
11
ns
tOPH(2,4)
Output Ready Pulse HIGH
7
9
9
11
11
11
ns
NOTES:
1. Since the FIFO is a very high-speed device, care must be excercised in the design of the hardware and timing utilized within the design. Device grounding and decoupling
are crucial to correct operation as the FIFO will respond to very small glitches due to long reflective lines, high capacitances and/or poor supply decoupling and grounding.
A monolithic ceramic capacitor of 0.1µF directly between VCC and GND with very short lead length is recommended.
2. This parameter applies to FIFOs communicating with each other in a cascaded mode. IDT FIFOs are guaranteed to cascade with other IDT FIFOs of like speed grades.
3. IDT72403 only.
4. Guaranteed by design but not currently tested.
5. Military availability for IDT72403 is 10MHz, 35MHz. IDT72401 is available for all MHz.


Similar Part No. - IDT72401L10DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401L10DB IDT-IDT72401L10DB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72401L10DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com