Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5390 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5390
Description  10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5390 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5390 Datasheet HTML 1Page - PMC-Sierra, Inc PM5390 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000181 (A2)
 Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
SATURN and S/UNI are
registered trademarks and
POS-PHY and PMC-Sierra
are trademarks of PMC-
Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Advance
PM5390 S/UNI®-9953
• Provides egress Ethernet frame
encapsulation (pads to min. size, add
preamble, IFG and CRC generation).
• Supports VLAN tagged frames.
• Provides eight exact-match address
filters to filter frames based on SA, DA
or VID.
• Provides 64-bin hash based algorithm
to filter multicast addresses.
• Minimum frame size of 64 bytes.
• Provides statistics counters to support
RMON/SNMP.
• Supports jumbo frames up to
9.6 Kbytes.
• Programmable inter-packet gap (IPG).
• Implements in-band PAUSE flow-
control and provides support for out-of-
band flow control.
• Upper layer device can flow-control
using dedicated pins or host signaling
to cause generation of a PAUSE
frame.
GENERAL
• Provides internal FIFOs (16 KB
ingress, 20 KB egress) to
accommodate system latencies.
• Provides line-side and system-side
loopbacks for system level diagnostic
capability.
• Provides support for automatic
protection switching (APS) via two 16-
bit LVDS 777.76 MHz ports.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• Standard 5 signal P1149.1 JTAG test
port.
• Low power 1.8 V CMOS core logic with
3.3 V CMOS/TTL compatible digital
inputs and digital outputs.
• Industrial temperature range (-40 °C to
+85 °C).
• 1152 pin FCBGA package.
DEVICE INTERWORKING
• Other PMC-Sierra devices that
implement the POS-PHY Level 4
interface include:
S/UNI 1x10GE.
S/UNI 10xGE.
S/UNI 9953-POS.
POS-PHY LEVEL 4 INTERFACE
• Designed to transmit cells, packets or
frames between physical and data-link
layer devices.
• Supports mixed traffic protocols on a
channel by channel basis.
• Requires less pins and draws less
power than other 10 Gigabit interface
options.
• Compliant with the following
standards:
Optical Internetworking Forum -
System Physical Interface Level 4
Phase II (SPI-4 Phase II).
ATM Forum - Frame Based ATM
Interface Level 4 (ATMF0161.00).
SATURN® POS-PHY™ Level 4,
Issue 6, March 2001.
APPLICATIONS
• Edge and Core Routers.
• Multi-Service (Multi-Protocol)
Switches.
• Internet POP and Transport POP L2
Ethernet Switches.
• SONET/SDH add/drop multiplexers
and optical cross-connects.
• WAN and Edge ATM switches.
• Up-link cards.
• SONET/SDH ATM/POS and 10
Gigabit Ethernet test equipment.
• Emerging DPT, IPT, and GFP
applications.
TYPICAL APPLICATION
10 GIGABIT / OC-192 ROUTER PORT CARD APPLICATION
TT1
Multi-Gbit/s
to Terabit
Switch
Fabric
4 X OC-48 POS Line Card
Optics
S/UNI
9953
Optics
Optics
Optics
Traffic
Manager
IP Processor
1 X OC-192 ATM Interworking Line Card
S/UNI
9953
Integrated
Optics
SAR
IP
Processor
ATM/IP
Inter
Working
Traffic
Manager
2 X OC-192 Ring Access Line Card
GFP or DPT
Ring Access
Controller
IP
Processor
Traffic
Manager
CRSU
4x2488
1 X OC-192 POS / 10 Gigabit Ethernet
Line Card
(Working Mate)
S/UNI
9953
Integrated
Optics
APS Port
1 X OC-192 POS
Line Card
(Protect Mate)
S/UNI
9953
Integrated
Optics
APS Port
Traffic
Manager
L2/L3
Processor
S/UNI
9953
Integrated
Optics
S/UNI
9953
Integrated
Optics
SFI-4


Similar Part No. - PM5390

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
   SATURN User Network Interface for 9.953 Gbit/s
More results

Similar Description - PM5390

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
   16-Channel OC-3c ATM and POS Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
   Single Channel OC-3c ATM and POS Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
   622 Mbit/s ATM Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
   622 Mbit/s ATM Physical Layer Device
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
   Quad 155 Mb/s ATM Physical Layer Device
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
   Quad 155 Mb/s ATM Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
   622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
   622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
   2.4 Gbit/s ATM Layer Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com