Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RC32H435-300BCI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 79RC32H435-300BCI
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32H435-300BCI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 79RC32H435-300BCI Datasheet HTML 3Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 4Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 5Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 6Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 7Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 8Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 9Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 10Page - Integrated Device Technology 79RC32H435-300BCI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7 of 53
January 19, 2006
IDT 79RC32435
GPIO[4]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: MADDR[22]
Alternate function: Memory and peripheral bus address.
GPIO[5]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: MADDR[23]
Alternate function: Memory and peripheral bus address.
GPIO[6]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: MADDR[24]
Alternate function: Memory and peripheral bus address.
The value of this pin may be used as a counter timer clock input (see Counter
Timer Clock Select Register in Chapter 14, Counter/Timers, of the RC32435
User Manual).
GPIO[7]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: MADDR[25]
Alternate function: Memory and peripheral bus address.
The value of this pin may be used as a counter timer clock input (see Counter
Timer Clock Select Register in Chapter 14, Counter/Timers, of the RC32435
User Manual).
GPIO[8]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: CPU
Alternate function: CPU or DMA debug output pin.
GPIO[9]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PCIREQN[4]
Alternate function: PCI Request 4.
GPIO[10]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PCIGNTN[4]
Alternate function: PCI Grant 4.
GPIO[11]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PCIREQN[5]
Alternate function: PCI Request 5.
GPIO[12]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PCIGNTN[5]
Alternate function: PCI Grant 5.
GPIO[13]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PCIMUINTN
Alternate function: PCI Messaging unit interrupt output.
SPI Interface
SCK
I/O
Serial Clock. This signal is used as the serial clock output. This pin may be
used as a bit input/output port.
Signal
Type
Name/Description
Table 1 Pin Description (Part 4 of 6)


Similar Part No. - 79RC32H435-300BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32H435-300BCI RENESAS-79RC32H435-300BCI Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results

Similar Description - 79RC32H435-300BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com