Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72403L45D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72403L45D
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72403L45D Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72403L45D Datasheet HTML 1Page - Integrated Device Technology IDT72403L45D Datasheet HTML 2Page - Integrated Device Technology IDT72403L45D Datasheet HTML 3Page - Integrated Device Technology IDT72403L45D Datasheet HTML 4Page - Integrated Device Technology IDT72403L45D Datasheet HTML 5Page - Integrated Device Technology IDT72403L45D Datasheet HTML 6Page - Integrated Device Technology IDT72403L45D Datasheet HTML 7Page - Integrated Device Technology IDT72403L45D Datasheet HTML 8Page - Integrated Device Technology IDT72403L45D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
IDT72401/72403
CMOS PARALLEL FIFO 64 x 4, 64 x 5
MILITARY AND COMMERCIAL
TEMPERATURE RANGES
FUNCTIONALDESCRIPTION
The 64x4FIFOisdesigned usinga dual port RAMarchitecture asopposed
to the traditional shift register approach. This FIFO architecture has a write
pointer, a read pointer and control logic, which allow simultaneous read and
writeoperations. ThewritepointerisincrementedbythefallingedgeoftheShift
In(Sl)control;thereadpointerisincrementedbythefallingedgeoftheShiftOut
(SO). The Input Ready (IR) signals when the FIFO has an available memory
location; Output Ready (OR) signals when there is valid data on the output.
Output Enable (
OE)providesthecapabilityofthree-statingtheFIFOoutputs.
FIFO RESET
The FIFO must be reset upon power up using the Master Reset (
MR)signal.
This causes the FlFO to enter an empty state, signified by Output Ready (OR)
being LOW and Input Ready (IR) being HIGH. In this state, the data outputs
(Q0-3) will be LOW.
DATA INPUT
Data is shifted in on the LOW-to-HlGH transition of Shift In (Sl). This loads
input data into the first word location of the FIFO and causes Input Ready (IR)
to go LOW. On the HlGH-to-LOW transition of SI, the write pointer is moved to
thenextwordpositionandIRgoesHIGH,indicatingthereadinesstoacceptnew
data. If the FIFO is full, IR will remain LOW until a word of data is shifted out.
DATAOUTPUT
DataisshiftedoutontheHlGH-to-LOWtransitionofShiftOut(SO). Thiscauses
the internal read pointer to be advanced to the next word location. If data is
present, valid data will appear on the outputs and Output Ready (OR) will go
HIGH. Ifdataisnotpresent,ORwillstayLOWindicatingtheFIFOisempty. The
lastvalidwordreadfromtheFIFOwillremainattheFlFOsoutputwhenitisempty.
When the FIFO is not empty, OR goes LOW on the LOW-to-HIGH transition of
SO. Previous data remains on the output until the HIGH-to-LOW transition of
SO).
FALL THROUGH MODE
TheFIFOoperatesinafall-throughmodewhendatagetsshiftedintoanempty
FIFO. After a fall-through delay the data propagates to the output. When the
datareachestheoutput,theOutputReady(OR)goesHIGH. Fall-throughmode
also occurs when the FIFO is completely full. When data is shifted out of the full
FIFO, a location is available for new data. After a fall-through delay, the Input
Ready (IR) goes HIGH. If Shift In (SI) is HIGH, the new data can be written
to the FIFO.
SincetheseFlFOsarebasedonaninternaldual-portRAMarchitecturewith
separate read and write pointers, the fall-through time (tPT) is one cycle long.
A word may be written into the FIFO on a clock cycle and can be accessed on
the next clock cycle.
Figure 3. The Mechanism of Shifting Data Into the FIFO
NOTES:
1. IR HIGH indicates space is available and a SI pulse may be applied.
2. Input Data is loaded into the first word.
3. IR goes LOW indicating the first word is full.
4. The write pointer is incremented.
5. The FIFO is ready for the next word.
6. If the FIFO is full then the IR remains LOW.
7. SI pulses applied while IR is LOW will be ignored (see Figure 4).
Figure 2. Input Timing
SI
IR
INPUT DATA
2747 drw 06
1/fIN
tSIH
tSIL
tIDH
tIDS
1/fIN
tIRH
tIRL
SI
IR
INPUT DATA
STABLE DATA
(2)
(3)
(5)
2747 drw 07
(6)
(4)
(1)
(7)


Similar Part No. - IDT72403L45D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72403L45D IDT-IDT72403L45D Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72403L45DB IDT-IDT72403L45DB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72403L45D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com