Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72401L35P Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72401L35P
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72401L35P Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT72401L35P Datasheet HTML 1Page - Integrated Device Technology IDT72401L35P Datasheet HTML 2Page - Integrated Device Technology IDT72401L35P Datasheet HTML 3Page - Integrated Device Technology IDT72401L35P Datasheet HTML 4Page - Integrated Device Technology IDT72401L35P Datasheet HTML 5Page - Integrated Device Technology IDT72401L35P Datasheet HTML 6Page - Integrated Device Technology IDT72401L35P Datasheet HTML 7Page - Integrated Device Technology IDT72401L35P Datasheet HTML 8Page - Integrated Device Technology IDT72401L35P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
IDT72401/72403
CMOS PARALLEL FIFO 64 x 4, 64 x 5
MILITARY AND COMMERCIAL
TEMPERATURE RANGES
Figure 7. tPT and tOPH Specification
Figure 8. Master Reset Timing
Figure 9. Output Enable Timing, IDT72403 Only
NOTE:
1. High-Z transitions are referenced to the steady-state VOH –500mV and VOL +500mV levels on the output. tHZOE is tested with 5pF load capacitance instead of 30pF as
shown in Figure 1.
2747 drw 14
IR
SI
Q0
SO
OR
MR
D0
D1
D2
D3
IR
SI
Q0
Q1
Q2
Q3
SO
OR
MR
SHIFT IN
INPUT READY
DATA IN
MR
OUTPUT READY
SHIFT OUT
DATA OUT
Q1
Q2
Q3
D0
D1
D2
D3
NOTE:
1. FIFOs can be easily cascaded to any desired path. The handshaking and associated timing between the FIFOs are handled by the inherent timing of the devices.
Figure 10. 128 x 4 Depth Expansion
SI
SO
OR
(1)
tOPH
tPT
2747 drw 11
DATA OUTPUT
DATA VALID
tSOR
HZOE
t
2747 drw 13
OE
DATA OUT
tOOE
NOTE:
1. FIFO initially empty.
MR
IR
OR
tMRW
2747 drw 12
SI
DATA OUTPUT
tMRIRH
tMRQ
(1)
(1)
tMRORL
tMRS
NOTE:
1. Worst case, FIFO initially full.


Similar Part No. - IDT72401L35P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401L35P IDT-IDT72401L35P Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72401L35PB IDT-IDT72401L35PB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72401L35P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com