Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71P79204 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT71P79204
Description  18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P79204 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT71P79204 Datasheet HTML 7Page - Integrated Device Technology IDT71P79204 Datasheet HTML 8Page - Integrated Device Technology IDT71P79204 Datasheet HTML 9Page - Integrated Device Technology IDT71P79204 Datasheet HTML 10Page - Integrated Device Technology IDT71P79204 Datasheet HTML 11Page - Integrated Device Technology IDT71P79204 Datasheet HTML 12Page - Integrated Device Technology IDT71P79204 Datasheet HTML 13Page - Integrated Device Technology IDT71P79204 Datasheet HTML 14Page - Integrated Device Technology IDT71P79204 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
6.42
11
IDT71P79204 (2Mx8-Bit), 71P79104 (2Mx9-Bit), 71P79804 (1Mx18-Bit) 71P79604 (512Kx36-Bit)
18 Mb DDR II SIO SRAM Burst of 2
Commercial and Industrial Temperature Ranges
DC Electrical Characteristics Over the Operating Temperature and
Supply Voltage Range (VDD = 1.8 ± 100mV, VDDQ = 1.4V to 1.9V)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Note
Input Leakage Current
IIL
VDD = Max VIN = VSS to VDDQ
-2
+2
uA
Output Leakage Current
IOL
Output Disabled
-2
+2
uA
Com'l
Ind
Operating Current
(x36): DDR
IDD
VDD = Max,
IOUT = 0mA (outputs open),
Cycle Time > tKHKH Min
250MHZ
-
1050
1100
mA
1
200MHz
-
950
1000
167MHz
-
850
900
Operating Current
(x18): DDR
IDD
VDD = Max,
IOUT = 0mA (outputs open),
Cycle Time > tKHKH Min
267MHz
-
950
980
mA
1
250MHZ
-
850
900
200MHz
-
750
800
167MHz
-
650
700
Operating Current
(x9,x8): DDR
IDD
VDD = Max,
IOUT = 0mA (outputs open),
Cycle Time > tKHKH Min
250MHZ
-
800
850
mA
1
200MHz
-
700
750
167MHz
-
600
650
Standby Current: NOP
ISB1
Device Deselected (in NOP state)
IOUT = 0mA (outputs open),
f=Max,
All Inputs <0.2V or > VDD -0.2V
267MHz
-
420
450
mA
2
250MHZ
-
375
410
200MHz
-
335
370
167MHz
-
300
335
Output High Voltage
VOH1
RQ = 250
Ω, IOH = -15mA
VDDQ/2-0.12
VDDQ/2+0.12
V
3,7
Output Low Voltage
VOL1
RQ = 250
Ω, IOL = 15mA
VDDQ/2-0.12
VDDQ/2+0.12
V
4,7
Output High Voltage
VOH2
IOH = -0.1mA
VDDQ-0.2
VDDQ
V5
Output Low Voltage
VOL2
IOL = 0.1mA
VSS
0.2
V
6
6432 tbl 10c
NOTES:
1. Operating Current is calculated with 50% read cycles and 50% write cycles.
2. Standby Current is only after all pending read and write burst operations are completed.
3. Outputs are impedance-controlled. IOH = -(VDDQ/2)/(RQ/5) and is guaranteed by device characterization for 175
Ω < RQ < 350Ω. This
parameter is tested at RQ = 250
Ω, which gives a nominal 50Ω output impedance.
4. Outputs are impedance-controlled. IOL = (VDDQ/2)/(RQ/5) and is guaranteed by device characterization for 175
Ω < RQ < 350Ω. This
parameter is tested at RQ = 250
Ω, which gives a nominal 50Ω output impedance.
5. This measurement is taken to ensure that the output has the capability of pulling to the VDDQ rail, and is not intended to be used as an
impedance measurement point.
6. This measurement is taken to ensure that the output has the capability of pulling to Vss, and is not intended to be used as an impedance
measurement point.
7. Programmable Impedance Mode.


Similar Part No. - IDT71P79204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P79204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
logo
Integrated Device Techn...
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com