Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3666L10PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V3666L10PF
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3666L10PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V3666L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3666L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
2003
Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4665/4
IDT72V3656
IDT72V3666
IDT72V3676
1
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2
4,096 x 36 x 2
8,192 x 36 x 2
NOVEMBER 2003
COMMERCIAL TEMPERATURE RANGE
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
FEATURES
••••• Memory storage capacity:
IDT72V3656
2,048 x 36 x 2
IDT72V3666
4,096 x 36 x 2
IDT72V3676
8,192 x 36 x 2
••••• Clock frequencies up to 100 MHz (6.5ns access time)
••••• Two independent FIFOs buffer data between one bidirectional
36-bit port and two unidirectional 18-bit ports (Port C receives
and Port B transmits)
••••• 18-bit (word) and 9-bit (byte) bus sizing of 18 bits (word) on
Ports B and C
••••• Select IDT Standard timing (using EFA , EFB , FFA , and FFC flag
functions) or First Word Fall Through Timing (using ORA, ORB,
IRA, and IRC flag functions)
••••• Programmable Almost-Empty and Almost-Full flags; each has
five default offsets (8, 16, 64, 256 and 1,024)
••••• Serial or parallel programming of partial flags
••••• Big- or Little-Endian format for word and byte bus sizes
••••• Loopback mode on Port A
••••• Retransmit Capability
••••• Master Reset clears data and configures FIFO, Partial Reset
clears data but retains configuration settings
••••• Mailbox bypass registers for each FIFO
••••• Free-running CLKA, CLKB and CLKC may be asynchronous or
coincident (simultaneous reading and writing of data on a single
clock edge is permitted)
••••• Auto power down minimizes power dissipation
••••• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
••••• Pin and functionally compatible versions of the 5V parts,
IDT723656/723666/723676
••••• Pin compatible to the lower density parts, IDT72V3626/3636/3646
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
Mail 1
Register
Programmable Flag
Offset Registers
RAM ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
RAM ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
CLKA
CSA
W/
RA
ENA
MBA
LOOP
Port-A
Control
Logic
FIFO1,
Mail1
Reset
Logic
MRS1
Mail 2
Register
MBF2
WENC
Port-C
Control
Logic
FIFO2,
Mail2
Reset
Logic
MRS2
MBF1
FIFO1
FIFO2
13
EFB/ORB
AEB
18
18
FFC/IRC
AFC
B0-B17
FFA/IRA
AFA
FS2
FS0/SD
FS1/
SEN
A0-A35
EFA/ORA
AEA
4665 drw01
36
36
PRS2
PRS1
Timing
Mode
FWFT
C0-C17
CLKB
RENB
CSB
MBB
Port-B
Control
Logic
Common
Port
Control
Logic
(B and C)
BE
SIZEB
SIZEC
CLKC
MBC
36
36
36
36
FIFO1 and
FIFO2
Retransmit
Logic
RT1
RT2
RTM


Similar Part No. - IDT72V3666L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3666 IDT-IDT72V3666 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3666 RENESAS-IDT72V3666 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
More results

Similar Description - IDT72V3666L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com