Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCD40 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # BCD40
Description  100mA SILICON CARTRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

BCD40 Datasheet(HTML) 1 Page - Electronic devices inc.

  BCD40 Datasheet HTML 1Page - Electronic devices inc. BCD40 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCD
RTD
Max. Reverse Recovery Time , Trr (Fig.4)
200 nanosec
Max. DC Reverse Current @ PRV and 25
oC, IR
100
Amps
Storage Temperature Range, TSTG
A
2
Ambient Operating Temperature Range,TA
Max. DC Reverse Current @ PRV and 100
oC, IR
10
Amps
3
A
-55
to +125
oC
oC
-55
to +150
oC
oC
RTD SERIES
FAST
RECOVERY
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
FRM
Max.One-Half Cycle Surge Current, IFM
(Surge )@ 60Hz
Forward Current Repetitive Peak,I FRM
Max. DC Reverse Current @ PRV and 25
oC, IR
100
Max.One-Half Cycle Surge Current, I FM
Amps
Storage Temperature Range, TSTG
A
2
Ambient Operating Temperature Range,TA
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 100
oC, IR
10
Amps
3
A
-55
to +125
oC
oC
-55
to +150
oC
oC
BCD SERIES
STANDARD
RECOVERY
(Surge )@ 60Hz
100mA SILICON CARTRIDGE RECTIFIERS
Peak
Reve rse V olta ge
PRV (V olts )
Leng th
L
Fig. 3
Drop at 25
o C And 100 mA
VF (Vol ts)
STANDARD RECOVERY
BC D08
8, 000
13
1. 00
BC D10
10,0 00
13
1. 00
BC D12
12,0 00
13
1. 00
BC D15
15,0 00
20
1. 63
BC D20
20,0 00
26
2. 13
BC D25
33
2. 63
BC D30
30,0 00
40
3. 13
BC D35
35,0 00
46
3. 63
BC D40
40,0 00
53
4. 13
BC D45
45,0 00
60
4. 63
BC D50
50,0 00
66
5. 13
BC D60
60,0 00
73
6. 13
200 N AN OSE CO ND R EC OVE RY (F IG .4 )
RTD08
8, 000
20
1. 00
RTD10
10,0 00
20
1. 00
RTD12
12,0 00
20
1. 00
RTD15
15,0 00
30
1. 63
RTD20
20,0 00
40
2. 13
RTD25
25,0 00
50
2. 63
RTD30
30,0 00
60
3. 13
RTD35
35,0 00
70
3. 63
RTD40
40,0 00
80
4. 13
RTD45
45,0 00
90
4. 63
RTD50
50,0 00
100
5. 13
RTD60
60,0 00
110
6.13
SMALL SIZE MOLDED PACKAGE
PRV 8,000 TO 60,000 VOLTS
FAST RECOVERY (RTD SERIES)
LOW LEAKAGE
25,000
Forward Current Repetitive Peak,I
EDI Type
Number
Max. Forward Voltage
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - BCD40

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD48BF030T210A00 VICOR-BCD48BF030T210A00 Datasheet
1Mb / 5P
   VI Chip짰 BCM짰 Customer Evaluation Board User Guide
BCD48BH120T120A00 VICOR-BCD48BH120T120A00 Datasheet
1Mb / 16P
   BCMTM Bus Converter
More results

Similar Description - BCD40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC45 ETC1-HVC45 Datasheet
71Kb / 2P
   100mA SILICON CARTRIDGE RECTIFIERS
logo
Edal Industries, Inc.
25L15 EDAL-25L15 Datasheet
95Kb / 1P
   Silicon High Voltage Cartridge
logo
WILLAS ELECTRONIC CORP
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS521G WILLAS-SCS521G Datasheet
411Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130KRM WILLAS-WB0130KRM Datasheet
749Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
PHOENIX CONTACT
5147421 PHOENIX-5147421 Datasheet
55Kb / 2P
   Ink cartridge - BLUEMARK FLUID-CARTRIDGE
09/12/2020
logo
First Silicon Co., Ltd
FTK3018 FS-FTK3018 Datasheet
309Kb / 5P
   Silicon N-channel MOSFET 100mA, 30V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com