Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UXB02070H1TC100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # UXB02070H1TC100
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXB02070H1TC100 Datasheet(HTML) 6 Page - Vishay Siliconix

  UXB02070H1TC100 Datasheet HTML 1Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 2Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 3Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 4Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 5Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 6Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 7Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 8Page - Vishay Siliconix UXB02070H1TC100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 28726
For technical questions, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 21-Aug-07
89
UXA 0204, UXB 0207, UXE 0414
High Precision Leaded Resistors
Vishay Beyschlag
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 140000/IEC 60115-1, Generic specification (includes
tests)
EN 140100/IEC 60115-2, Sectional specification (includes
schedule for qualification approval)
CECC 40101-806, Detail specification (includes schedule for
conformance inspection)
Most of the components are approved in accordance with the
European CECC-system, where applicable. The Test
Procedures and Requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above. The testing also covers most of the
requirements specified by EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60 068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For testing the components are mounted on a test board in
accordance with IEC 60115-1, 4.31 unless otherwise
specified.
In the Test Procedures and Requirements table only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2; a short
description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product
types:
UXA 0204
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 221 kΩ
-
UXB 0207
100
Ω to 250 kΩ
40.2
Ω to < 100 Ω;
> 250 k
Ω to 301 kΩ
10
Ω to < 40.2 Ω;
> 301 k
Ω to 1 MΩ
UXE 0414
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 511 kΩ
-
4.5
-
resistance
(
ΔR/R)
± 0.25 %; ± 0.1 %; ± 0.05 %; ± 0.01 %
4.8.4.2
-
temperature
coefficient
at 20/LCT/20
°C and
20/UCT/20
°C
± 10 ppm/K; ± 05 ppm/K; ± 02 ppm/K
4.25.1
-
endurance
room temperature;
U =
or
U = Umax;
1.5 h on; 0.5 h off
70 °C; 2000 h
± (0.05 %
R + 0.01
Ω) ± (0.05 % R + 0.01 Ω) ± (0.05 % R +0.01 Ω)
85 °C; 1000 h
± (0.02 %
R + 0.01
Ω) ± (0.03 % R + 0.01 Ω)± (0.04 % R +0.01 Ω)
85 °C; 8000 h
± (0.04 %
R + 0.01
Ω) ± (0.06 % R + 0.01 Ω)± (0.08 % R +0.01 Ω)
P
70 x R


Similar Part No. - UXB02070H1TC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UXB2-7 ETC2-UXB2-7 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - UXB02070H1TC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com