Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T54262L5BB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72T54262L5BB
Description  2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T54262L5BB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72T54262L5BB Datasheet HTML 3Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 4Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 5Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 6Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 7Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 8Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 9Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 10Page - Integrated Device Technology IDT72T54262L5BB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T54242/72T54252/72T54262 2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO
32K x 10 x 4/16K x 20 x 2, 64K x 10 x 4/32K x 20 x 2 and 128K x 10 x 4/64K x 20 x 2
MARCH 22, 2005
Symbol
Name
I/O Type
Description
D[39:0]
Data Input Bus
HSTL-LVTTL Thesearethedatainputsforthedevice.Dataiswrittenintothepartviatheseinputsusingtherespective
INPUT
write port clocks and enables. In Quad mode, these inputs provide four separate busses to the four
separate FIFOs. D[9:0] is FIFO[0], D[19:10] is FIFO[1], D[29:20] is FIFO[2], D[39:30] is FIFO[3].
InDualmode,theseinputsprovidetwoseparatebussestothetwoseparateFIFOs.D[19:0]isFIFO[0],
D[39:20] is FIFO[2]. Any unused inputs should be tied to GND.
EF0/1/2/3,
Empty Flag 0/1/2/3
HSTL-LVTTL ThesearetheEmptyFlags(IDTStandardmode)orOutputReadyFlag(FWFTmode)corresponding
OR0/1/2/3
or Output Ready
OUTPUT(1)
to each of the four FIFOs on the read port. If Dual mode is selected
EF1/OR1 and EF3/OR3 are
Flags 0/1/2/3
not used and can be left floating.
ERCLK0/1/2/3 Echo Read Clock
HSTL-LVTTL These are the echo clock outputs corresponding to each of the four FIFOs on the read port. The
0/1/2/3
OUTPUT(1)
echo read clock is guaranteed to transition after the slowest output data switching. If Dual mode is
selected ERCLK1 and ERCLK3 are not used and can be left floating
EREN0/1/2/3
Echo Read Enable
HSTL-LVTTL These are the echo read enable outputs corresponding to each of the four FIFOs on the read port.
0/1/2/3
OUTPUT(1)
The echo read enable is synchronous to the RCLK input and is active when a read operation has
occurred and a new word has been placed onto the data output bus. If Dual mode is selected
EREN1
and
EREN3 are not used and can be left floating.
FF0/1/2/3,
Full Flags 0/1/2/3 or HSTL-LVTTL These are the Full Flags (IDT Standard mode) and Input Ready Flags (FWFT mode) corresponding
IR0/1/2/3
Input Ready Flags
OUTPUT(1)
to each of the four FIFOs on the read port. If Dual mode is selected
FF1/IR1 and FF3/IR3 are not
0/1/2/3
used and can be left floating.
FSEL
Flag Select
HSTL-LVTTL Flagselectdefaultoffsetpins.Duringmasterreset,theFSELpinsareusedtoselectoneoffourdefault
[1:0]
INPUT
PAEandPAFoffsets.BoththePAEandthePAFoffsetsareprogrammedtothesamevalue.Values
are: 00 = 7; 01 = 63; 10 = 127; 11 = 1023. The offset value selected is supplied to all internal FIFOs.
FWFT/SI
First Word Fall
HSTL-LVTTL DuringMasterReset,FWFT=1selectsFirstWordFallThroughmode,FWFT=0selectsIDTStandard
Through/ Serial
INPUT
mode.AfterMasterResetthispinisusedfortheSerialDatainputfortheprogrammingofthe
PAEand
Input
PAFflag'soffsetregisters.
IOSEL
I/OSelect
CMOS(2)
This input determines whether the inputs will operate in LVTTL or HSTL/eHSTL mode. If IOSEL
INPUT
pin is HIGH, then all inputs and outputs that are designated "LVTTL or HSTL" in this section will be
set to HSTL. If IOSEL is LOW then LVTTL is selected. This signal must be tied to either VCC or GND
for proper operation.
IW
InputWidth
CMOS(2)
If Dual mode is selected , this pin is used during master reset to select the input word width bus size
INPUT
for the device. 0 = x10; 1 = x20. If Quad mode is selected the input word width will be x10 regardless
of IW. IW must be tied to VCC or GND and cannot be left floating.
MD
Mode
CMOS(2)
This mode selection pin is used during master reset to select either Quad or Dual mode operation.
INPUT
A HIGH on this pin selects Quad mode, a LOW selects Dual mode.
MRS
Master Reset
HSTL-LVTTL This input provides a full device reset. All set-up pins are latched based on a master reset operation.
INPUT
Read and write pointers will be reset to the first location memory. All flag offsets are cleared and
reset to default values determined by FSEL[1:0].
OE0/1/2/3
OutputEnable
HSTL-LVTTL ThesearetheoutputenablescorrespondingtoeachindividualFIFOonthereadport.Alldataoutputs
0/1/2/3
INPUT
will be placed into High Impedance if this pin is High. These inputs are asynchronous. If Dual mode
is selected
OE1 and OE3 are not used and should be tied to VCC.
OW
OutputWidth
CMOS(2)
If Dual mode is selected, this pin is used during master reset to select the output word width bus size
INPUT
for the device. 0 = x10; 1 = x20. If Quad mode is selected the output word width will be x10 regardless
of OW. OW must be tied to VCC or GND and cannot be left floating.
PAE0/1/2/3
Programmable
HSTL-LVTTL These are the programmable almost empty flags that can be used as an early indicator for the empty
Almost-Empty
OUTPUT(1)
boundary of each FIFO. The
PAE flags can be set to one of four default offsets determined by the
Flags 0/1/2/3
state of FSEL0 and FSEL1 during master reset. The
PAEoffset value can also be written and read
from serially by either the JTAG port or the serial programming pins (SCLK, SI, SDO,
SWEN,SREN).
This flag can operate in synchronous or asynchronous mode depending on the sate of the PFM pin
during master reset. If Dual mode is selected
PAE1 and PAE3 are not used and can be left floating.
PAF0/1/2/3
Programmable
HSTL-LVTTL These are the programmable almost full flags that can be used as an early indicator for the full
Almost-Full Flags
OUTPUT(1)
boundary of each FIFO. The
PAF flags can be set to one of four default offsets determined by the
0/1/2/3
state of FSEL0 and FSEL1 during master reset. The
PAF offset value can also be written and read
from serially by either the JTAG port or the serial programming pins (SCLK, SI, SDO,
SWEN,SREN).
PIN DESCRIPTIONS


Similar Part No. - IDT72T54262L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T54262L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com