Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T54252L5BBI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72T54252L5BBI
Description  2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T54252L5BBI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72T54252L5BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
DSC-6158/3
MARCH 2005
IDT72T54242
IDT72T54252
IDT72T54262
2.5V QUAD/DUAL TeraSync™ DDR/SDR FIFO
x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
32,768 x 10 x 4/16,384 x 20 x 2
65,536 x 10 x 4/32,768 x 20 x 2
131,072 x 10 x 4/65,536 x 20 x 2
 2005 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. The TeraSync is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FEATURES
••••• Choose from among the following memory organizations:
IDT72T54242
-
32,768 x 10 x 4/32,768 x 10 x 2
IDT72T54252
-
65,536 x 10 x 4/65,536 x 10 x 2
IDT72T54262
-
131,072 x 10 x 4/131,072 x 10 x 2
••••• User Selectable Quad / Dual Mode - Choose between two or
four independent FIFOs
••••• Quad Mode offers
- Eight discrete clock domain, (four write clocks & four read clocks)
- Four separate write ports, write data to four independent FIFOs
- 10-bit wide write ports
- Four separate read ports, read data from any of four independent FIFOs
- Independent set of status flags and control signals for each FIFO
••••• Dual Mode offers
- Four discrete clock domain, (two write clocks & two read clocks)
- Two separate write ports, write data to two independent FIFOs
- 10-bit/20-bit wide write ports
- Two separate read ports, read data from any of two independent FIFOs
- Independent set of status flags and control signals for each FIFO
- Bus-Matching on read and write port x10/x20
- Maximum depth of each FIFO is the same as in Quad Mode
FUNCTIONAL BLOCK DIAGRAMS
••••• Up to 200MHz operating frequency or 2Gbps throughput in SDR mode
••••• Up to 100MHz operating frequency or 2Gbps throughput in DDR mode
••••• Double Data Rate, DDR is selectable, providing up to 400Mbps
bandwidth per data pin
••••• User selectable Single or Double Data Rate modes on both the
write port(s) and read port(s)
••••• All I/Os are LVTTL/ HSTL/ eHSTL user selectable
••••• 3.3V tolerant inputs in LVTTL mode
••••• ERCLK and EREN Echo outputs on all read ports
••••• Write enable WEN and Chip Select WCS input for each write port
••••• Read enable REN and Chip Select RCS input for each read port
••••• User Selectable IDT Standard mode (using EF and FF) or FWFT
mode (using
IR and OR)
••••• Programmable Almost Empty and Almost Full flags per FIFO
••••• Dedicated Serial Port for flag offset programming
••••• Power Down pin minimizes power consumption
••••• 2.5V Supply Voltage
••••• Available in a 324-pin PBGA, 1mm pitch, 19mm x 19mm
••••• IEEE 1149.1 compliant JTAG port provides boundary scan function
••••• Low Power, High Performance CMOS technology
••••• Industrial temperature range (-40
°°°°°C to +85°°°°°C)
32,768 x 10
65,536 x 10
131,072 x 10
32,768 x 10
65,536 x 10
131,072 x 10
32,768 x 10
65,536 x 10
131,072 x 10
32,768 x 10
65,536 x 10
131,072 x 10
WEN1
WCS1
WEN2
WCS2
WEN3
WCS3
WCLK1
WCLK2
WCLK3
D[19:10]
D[29:20]
D[39:30]
FIFO 1
FIFO 2
FIFO 3
FIFO 1
Data In
FIFO 2
Data In
FIFO 3
Data In
FF0/IR0
PAF0
FF1/IR1
PAF1
FF2/ IR2
PAF2
FF3/IR3
PAF3
WEN0
WCS0
WCLK0
D[9:0]
EF0/OR0
PAE0
EF1/OR1
PAE1
EF2/OR2
PAE2
EF3/OR3
PAE3
6158 drw01
Q[9:0]
x10
REN0
RCS0
RCLK0
OE0
FIFO 0
Quad Mode
FIFO 0
Data In
EREN0
ERCLK0
Q[19:10]
REN1
RCS1
RCLK1
OE1
EREN1
ERCLK1
Q[29:20]
REN2
RCS2
RCLK2
OE2
EREN2
ERCLK2
Q[39:30]
REN3
RCS3
RCLK3
OE3
EREN3
ERCLK3
FIFO 1
Data Out
FIFO 2
Data Out
FIFO 3
Data Out
FIFO 0
Data Out
x10
x10
x10
x10
x10
x10
x10
(See next page for Dual Mode)


Similar Part No. - IDT72T54252L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T54252L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com