Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T54252L5BBI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72T54252L5BBI
Description  2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T54252L5BBI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72T54252L5BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T54252L5BBI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T54242/72T54252/72T54262 2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO
32K x 10 x 4/16K x 20 x 2, 64K x 10 x 4/32K x 20 x 2 and 128K x 10 x 4/64K x 20 x 2
MARCH 22, 2005
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
WEN2
WCS3
GND
GND
VCC
VCC
VCC
D39
Q33
Q36
FF2
PAF3GND
Q35
REN2
RCS1
VDDQ
VCC
VCC
VCC
GND
VDDQ
VDDQ
VDDQ
VDDQ
D0
D1
D6
D3
D13
WCLK0
WCLK1
D38
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PRS0
PD
VCC
GND
VDDQ
OE3
OE0
PRS3
VREF
MRS
D23
OE1
OE2
FWFT/SI
Q9
Q12
Q15
12
3
4
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
GND
MD
D24
D27
D30
D33
D36
GND
VDDQ
WCLK2
WCLK3
D26
D29
D32
D35
D7
D11
D14
D16
D18
D20
D25
D22
D28
D31
D34
D37
Q30
Q18
EREN1
EREN2
Q21
Q24
Q27
TDI
SREN
SCLK
D12
D15
D17
D19
D21
D4
D5
FSEL0
WDDR
D9
OW
FSEL1
VDDQ
IW
GND
VCC
TRST
GND
TMS
TCK
GND
PFM
VCC
IOSEL
VDDQ
GND
GND
VCC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
D2
SWEN
Q6
D10
RDDR
VCC
PRS1
PRS2
D8
6158 drw03B
U
V
GND
GND
GND
VCC
VCC
Q38
RCLK1
EF3GND
RCS2
RCLK2
RCLK3
REN3
RCS0
PAE3
RCS3
FF3
REN1
REN0
17
18
ERCLK0
ERCLK1
Q37
Q34
Q1
Q0
Q2
Q7
Q10
Q13
Q32
Q16
Q19
Q20
Q23
Q26
Q29
TDO
SDO
Q5
EREN0
EREN3
Q22
Q25
Q28
Q31
Q8
Q11
Q14
Q17
Q3
Q4
ERCLK2
ERCLK3
RCLK0
Q39
VCC
VCC
VCC
VDDQ
VCC
GND
VCC
VDDQ
VDDQ
VDDQ
GND
GND
VCC
GND
GND
GND
GND
GND
VDDQ
GND
GND
GND
VCC
GND
GND
GND
GND
GND
VDDQ
GND
GND
GND
GND
GND
GND
GND
VCC
GND
GND
GND
GND
VDDQ
GND
GND
GND
VCC
GND
GND
GND
VDDQ
GND
VCC
VCC
VDDQ
VCC
VCC
GND
VDDQ
VDDQ
VDDQ
GND
GND
VCC
GND
GND
VCC
GND
GND
VCC
GND
GND
VCC
GND
VDDQ
GND
GND
VDDQ
GND
GND
VDDQ
GND
GND
VDDQ
GND
WEN3
WEN0
WEN1
WCS0
WCS1
WCS2
GND
PAE0
EF0
PAE1
FF1
PAE2
PAF0
EF1NC
EF2
FF0
PAF1NC
PAF2
PBGA (BB324-1, order code: BB)
TOP VIEW
PIN CONFIGURATION
NOTE:
1. NC = No Connection.


Similar Part No. - IDT72T54252L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T54252L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com