Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1367C-166BGXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1367C-166BGXC
Description  9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1367C-166BGXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1367C-166BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1367C-166BGXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C1366C
CY7C1367C
Document #: 38-05542 Rev. *E
Page 9 of 29
Partial Truth Table for Read/Write[5, 10]
Function (CY7C1366C)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
XXXX
Read
H
L
HHHH
Write Byte A – (DQA and DQPA)
H
L
HHH
L
Write Byte B – (DQB and DQPB)H
L
H
H
L
H
Write Bytes B, A
H
L
H
H
L
L
Write Byte C – (DQC and DQPC)
H
LH
LH
H
Write Bytes C, A
H
L
H
L
H
L
Write Bytes C, B
H
L
H
L
L
H
Write Bytes C, B, A
H
L
H
L
L
L
Write Byte D – (DQD and DQPD)
H
L
L
HHH
Write Bytes D, A
H
L
L
H
H
L
Write Bytes D, B
H
L
L
H
L
H
Write Bytes D, B, A
H
L
L
H
L
L
Write Bytes D, C
H
L
L
L
H
H
Write Bytes D, C, A
H
L
L
L
H
L
Write Bytes D, C, B
H
LLLL
H
Write All Bytes
H
LLLLL
Write All Bytes
L
XXXXX
Truth Table for Read/Write[5, 10]
Function (CY7C1367C)
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write Byte A – (DQA and DQPA)H
L
H
L
Write Byte B – (DQB and DQPB)H
L
L
H
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1367C-166BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1367C-166BGC CYPRESS-CY7C1367C-166BGC Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1367C-166BGI CYPRESS-CY7C1367C-166BGI Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1367C-166BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com