Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1364C-200AJXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1364C-200AJXI
Description  9-Mbit (256K x 32) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364C-200AJXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1364C-200AJXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1364C-200AJXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C1364C
Document #: 38-05689 Rev. *E
Page 5 of 18
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
The CY7C1364C supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The
interleaved
burst
order
supports
Pentium
and
i486
processors. The linear burst sequence is suited for processors
that utilize a linear burst sequence. The burst order is user
selectable, and is determined by sampling the MODE input.
Accesses can be initiated with either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC).
Address advancement through the burst sequence is
controlled by the ADV input. A two-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte Write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[A:D]) inputs. A Global Write
Enable (GW) overrides all Byte Write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed Write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW,
(2) CE1, CE2, CE3 are all asserted active, and (3) the Write
signals (GW, BWE) are all deasserted HIGH. ADSP is ignored
if CE1 is HIGH. The address presented to the address inputs
(A) is stored into the address advancement logic and the
address register while being presented to the memory array.
The corresponding data is allowed to propagate to the input of
the output registers. At the rising edge of the next clock the
data is allowed to propagate through the output register and
onto the data bus within tCO if OE is active LOW. The only
exception occurs when the SRAM is emerging from a
deselected state to a selected state, its outputs are always
tri-stated during the first cycle of the access. After the first cycle
of the access, the outputs are controlled by the OE signal.
Consecutive single Read cycles are supported. Once the
SRAM is deselected at clock rise by the chip select and either
ADSP or ADSC signals, its output will tri-state immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and
(2) CE1, CE2, CE3 are all asserted active. The address
presented to A is loaded into the address register and the
address advancement logic while being delivered to the RAM
array. The Write signals (GW, BWE, and BW[A:D]) and ADV
inputs are ignored during this first cycle.
ADSP-triggered Write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQ inputs is written into the corre-
sponding address location in the memory array. If GW is HIGH,
then the Write operation is controlled by BWE and BW[A:D]
signals. The CY7C1364C provides Byte Write capability that
is described in the Write Cycle Descriptions table. Asserting
the Byte Write Enable input (BWE) with the selected Byte
Write (BW[A:D]) input, will selectively write to only the desired
bytes. Bytes not selected during a Byte Write operation will
remain unaltered. A synchronous self-timed Write mechanism
has been provided to simplify the Write operations.
Because the CY7C1364C is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQ inputs. Doing so will tri-state the output drivers. As
a safety precaution, DQ are automatically tri-stated whenever
a Write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) CE1, CE2, CE3 are all asserted active,
and (4) the appropriate combination of the Write inputs (GW,
BWE, and BW[A:D]) are asserted active to conduct a Write to
the desired byte(s). ADSC-triggered Write accesses require a
single clock cycle to complete. The address presented to A is
loaded
into
the
address
register
and
the
address
advancement logic while being delivered to the memory array.
The ADV input is ignored during this cycle. If a global Write is
conducted, the data presented to the DQ is written into the
corresponding address location in the memory core. If a Byte
Write is conducted, only the selected bytes are written. Bytes
not selected during a Byte Write operation will remain
unaltered. A synchronous self-timed Write mechanism has
been provided to simplify the Write operations.
Because the CY7C1364C is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQ inputs. Doing so will tri-state the output drivers. As
a safety precaution, DQs are automatically tri-stated whenever
a Write cycle is detected, regardless of the state of OE.
VDDQ
4, 11, 20, 27, 54, 61, 70, 77
I/O Power
Supply
Power supply for the I/O circuitry.
VSSQ
5, 10, 21, 26, 55, 60, 71, 76
I/O Ground
Ground for the I/O circuitry.
MODE
31
Input-
Static
Selects Burst Order. When tied to GND selects linear burst sequence.
When tied to VDD or left floating selects interleaved burst sequence.
This is a strap pin and should remain static during device operation.
Mode pin has an internal pull-up.
NC
1, 14, 16, 30, 38, 39, 42,
51, 66, 80
No Connects. Not internally connected to the die
Pin Definitions (continued)
Name
TQFP
I/O
Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1364C-200AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364C-200AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com