Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356C-166BGXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1356C-166BGXI
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356C-166BGXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1356C-166BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1356C-166BGXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1354C
CY7C1356C
Document #: 38-05538 Rev. *G
Page 9 of 28
NOP/WRITE ABORT (Begin Burst)
None
L
L
L
L
H
X
L
L-H
Tri-State
WRITE ABORT (Continue Burst)
Next
X
L
H
X
H
X
L
L-H
Tri-State
IGNORE CLOCK EDGE (Stall)
Current
X
L
X
X
X
X
H
L-H
-
SLEEP MODE
None
X
H
X
X
X
X
X
X
Tri-State
Partial Write Cycle Description[2, 3, 4, 9]
Function (CY7C1354C)
WE
BWd
BWc
BWb
BWa
Read
H
X
X
X
X
Write –No bytes written
L
H
H
H
H
Write Byte a – (DQa and DQPa)
L
HHH
L
Write Byte b – (DQb and DQPb)L
H
H
L
H
Write Bytes b, a
L
H
H
L
L
Write Byte c – (DQc and DQPc)L
H
L
H
H
Write Bytes c, a
L
H
L
H
L
Write Bytes c, b
L
H
L
L
H
Write Bytes c, b, a
L
H
L
L
L
Write Byte d – (DQd and DQPd)L
L
H
H
H
Write Bytes d, a
L
L
H
H
L
Write Bytes d, b
L
LHLH
Write Bytes d, b, a
L
L
H
L
L
Write Bytes d, c
L
L
L
H
H
Write Bytes d, c, a
L
L
L
H
L
Write Bytes d, c, b
L
L
L
L
H
Write All Bytes
L
L
L
L
L
Partial Write Cycle Description[2, 3, 4, 9]
Function (CY7C1356C)
WE
BWb
BWa
Read
Hx
x
Write – No Bytes Written
L
H
H
Write Byte a
− (DQ
a and DQPa)
LHL
Write Byte b – (DQb and DQPb)
LL
H
Write Both Bytes
L
L
L
Note:
9. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
Truth Table[2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE ZZ
ADV/LD
WE
BWx
OE
CEN
CLK
DQ
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1356C-166BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356C-166BGC CYPRESS-CY7C1356C-166BGC Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356C-166BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com