Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1364C-166AJXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1364C-166AJXI
Description  9-Mbit (256K x 32) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364C-166AJXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1364C-166AJXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1364C-166AJXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY7C1364C
Document #: 38-05689 Rev. *E
Page 3 of 18
Pin Configuration (continued)
NC
DQB
DQB
VDDQ
VSSQ
DQB
DQB
DQB
DQB
VSSQ
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSSQ
DQA
DQA
DQA
DQA
VSSQ
VDDQ
DQA
DQA
NC
NC
DQC
DQC
VDDQ
VSSQ
DQC
DQC
DQC
DQC
VSSQ
VDDQ
DQC
DQC
NC
VDD
NC
VSS
DQD
DQD
VDDQ
VSSQ
DQD
DQD
DQD
DQD
VSSQ
VDDQ
DQD
DQD
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
BYTE A
BYTE B
BYTE D
BYTE C
CY7C1364C
100-Pin TQFP Pinout (3 Chip Enables) (A version)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1364C-166AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364C-166AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com