Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2048SDAG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT82V2048SDAG
Description  OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048SDAG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT82V2048SDAG Datasheet HTML 4Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 5Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 6Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 7Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 8Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 9Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 10Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 11Page - Integrated Device Technology IDT82V2048SDAG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
IDT82V2048S OCTAL T1/E1 SHORT HAUL LIU WITH SINGLE ENDED
INDUSTRIAL TEMPERATURE RANGES
TS2/SCLK/
ALE/AS
I86
J12
TS2: Template Select 2
In hardware control mode, the signal on this pin is the most significant bit for the transmit template select.
Refer to 2.5.1 Waveform Shaper for details.
SCLK: Shift Clock
In serial host mode, the signal on this pin is the shift clock for the serial interface. Data on pin SDO is
clocked out on falling edges of SCLK if pin CLKE is high, or on rising edges of SCLK if pin CLKE is low.
Data on pin SDI is always sampled on rising edges of SCLK.
ALE: Address Latch Enable
In parallel Intel multiplexed host mode, the address on AD[4:0] is sampled into the device on the falling
edges of ALE (signals on AD[7:5] are ignored). In non-multiplexed host mode, ALE should be pulled high.
AS: Address Strobe (Active Low)
In parallel Motorola multiplexed host mode, the address on AD[4:0] is latched into the device on the falling
edges of AS (signals on AD[7:5] are ignored). In non-multiplexed host mode, AS should be pulled high.
TS1/RD/R/W
I85
J13
TS1: Template Select 1
In hardware control mode, the signal on this pin is the second most significant bit for the transmit template
select. Refer to 2.5.1 Waveform Shaper for details.
RD: Read Strobe (Active Low)
In parallel Intel multiplexed or non-multiplexed host mode, this pin is active low for read operation.
R/W: Read/Write Select
In parallel Motorola multiplexed or non-multiplexed host mode, the pin is active low for write operation and
high for read operation.
TS0/SDI/WR/
DS
I84
J14
TS0: Template Select 0
In hardware control mode, the signal on this pin is the least significant bit for the transmit template select.
Refer to 2.5.1 Waveform Shaper for details.
SDI: Serial Data Input
In serial host mode, this pin input the data to the serial interface. Data on this pin is sampled on the rising
edges of SCLK.
WR: Write Strobe (Active Low)
In parallel Intel host mode, this pin is active low during write operation. The data on D[7:0] (in non-multi-
plexed mode) or AD[7:0] (in multiplexed mode) is sampled into the device on the rising edges of WR.
DS: Data Strobe (Active Low)
In parallel Motorola host mode, this pin is active low. During a write operation (R/W = 0), the data on D[7:0]
(in non-multiplexed mode) or AD[7:0] (in multiplexed mode) is sampled into the device on the rising edges
of DS. During a read operation (R/W = 1), the data is driven to D[7:0] (in non-multiplexed mode) or AD[7:0]
(in multiplexed mode) by the device on the rising edges of DS.
In parallel Motorola non-multiplexed host mode, the address information on the 5 bits of address bus
A[4:0] are latched into the device on the falling edges of DS.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160


Similar Part No. - IDT82V2048SDAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048SDAG RENESAS-IDT82V2048SDAG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
More results

Similar Description - IDT82V2048SDAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com