Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1351G-100BGXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1351G-100BGXC
Description  4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-100BGXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1351G-100BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY7C1351G
Document #: 38-05513 Rev. *D
Page 6 of 14
Truth Table [2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Deselect Cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-State
Continue Deselect Cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-State
READ Cycle (Begin Burst)
External
L
H
L
L
L
H
X
L
L
L->H Data Out (Q)
READ Cycle (Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data Out (Q)
NOP/DUMMY READ (Begin Burst)
External
L
H
L
L
L
H
X
H
L
L->H
Tri-State
DUMMY READ (Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L->H
Tri-State
WRITE Cycle (Begin Burst)
External
L
H
L
L
L
L
L
X
L
L->H
Data In (D)
WRITE Cycle (Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L->H
Data In (D)
NOP/WRITE ABORT (Begin Burst)
None
L
H
L
L
L
L
H
X
L
L->H
Tri-State
WRITE ABORT (Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L->H
Tri-State
IGNORE CLOCK EDGE (Stall)
Current
X
X
X
L
X
X
X
X
H
L->H
SLEEP MODE
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Partial Truth Table for Read/Write [2, 3, 9]
Function
WE
BWA
BWB
BWC
BWD
Read
H
X
X
X
X
Read
H
X
X
X
X
Write – No bytes written
L
H
H
H
H
Write Byte A – (DQA and DQPA)L
L
H
H
H
Write Byte B – (DQB and DQPB)L
H
L
H
H
Write Byte C – (DQC and DQPC)L
H
H
L
H
Write Byte D – (DQD and DQPD)
L
HHH
L
Write All Bytes
L
L
L
L
L
Notes:
2. X = Don’t Care.” H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one Byte Write Select is active, BWx = Valid signifies that the desired byte write
selects are asserted, see truth table for details.
3. Write is defined by BWX, and WE. See truth table for Read/Write.
4. When a write cycle is detected, all I/Os are tri-stated, even during byte writes.
5. The DQs and DQP[A:D] pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[A:D] = tri-state when
OE is inactive or when the device is deselected, and DQs and DQP[A:D] = data when OE is active.
9. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1351G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com