Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1353G Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1353G
Description  4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353G Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1353G_07 Datasheet HTML 1Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 2Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 3Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 4Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 5Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 6Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 7Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 8Page - Cypress Semiconductor CY7C1353G_07 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C1353G
Document #: 38-05515 Rev. *E
Page 5 of 13
Linear Burst Address Table (MODE = GND)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD − 0.2V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table [2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Deselect Cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-State
Continue Deselect Cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-State
READ Cycle (Begin Burst)
External
L
H
L
L
L
H
X
L
L
L->H Data Out (Q)
READ Cycle (Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data Out (Q)
NOP/DUMMY READ (Begin
Burst)
External
L
H
L
L
L
H
X
H
L
L->H
Tri-State
DUMMY READ (Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L->H
Tri-State
WRITE Cycle (Begin Burst)
External
L
H
L
L
L
L
L
X
L
L->H Data In (D)
WRITE Cycle (Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L->H Data In (D)
NOP/WRITE ABORT (Begin
Burst)
None
L
H
L
L
L
L
H
X
L
L->H
Tri-State
WRITE ABORT (Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L->H
Tri-State
IGNORE CLOCK EDGE (Stall)
Current
X
X
X
L
X
X
X
X
H
L->H
SLEEP MODE
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Notes:
2. X =”Don't Care.” H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one Byte Write Select is active, BWx = Valid signifies that the desired byte write
selects are asserted, see truth table for details.
3. Write is defined by BWX, and WE. See truth table for Read/Write.
4. When a write cycle is detected, all IOs are tri-stated, even during byte writes.
5. The DQs and DQP[A:B] pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device powers up deselected and the IOs in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[A:B] = tri-state when OE
is inactive or when the device is deselected, and DQs and DQP[A:B] = data when OE is active.


Similar Part No. - CY7C1353G_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G-100AXI CYPRESS-CY7C1353G-100AXI Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G-117AXC CYPRESS-CY7C1353G-117AXC Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1353G_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com