Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1351G-133BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1351G-133BGI
Description  4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-133BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1351G-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C1351G-133BGI Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C1351G
Document #: 38-05513 Rev. *D
Page 10 of 14
Switching Waveforms
Read/Write Waveforms[19, 20, 21]
Notes:
19. For this waveform ZZ is tied LOW.
20. When CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
21. Order of the Burst sequence is determined by the status of the MODE (0 = Linear, 1 = Interleaved). Burst operations are optional.
WRITE
D(A1)
123
456789
CLK
tCYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:D]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
DQ
COMMAND
tCLZ
D(A1)
D(A2)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCDV
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
DON’T CARE
UNDEFINED
D(A5)
tDOH
Q(A4+1)
D(A7)
Q(A6)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1351G-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com