Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC64T574-200DZ Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT79RC64T574-200DZ
Description  Advanced 64-bit Microprocessors Product Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64T574-200DZ Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT79RC64T574-200DZ Datasheet HTML 7Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 8Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 9Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 10Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 11Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 12Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 13Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 14Page - Integrated Device Technology IDT79RC64T574-200DZ Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11 of 28
December 14, 2001
79RC64574™ 79RC64575™
34
SysCmd3
86
Vcc
138
SysAD25
190
SysADC5
35
Vss
87
SysAD17
139
SysAD57
191
SysADC1
36
Vcc
88
SysAD49
140
Vcc
192
Vcc
37
SysAD38
89
Int0*
141
Vss
193
Vss
38
SysAD6
90
SysAD18
142
N.C
194
SysAD47
39
ModeClock
91
Vss
143
SysAD26
195
SysAD15
40
WrRdy*
92
Vcc
144
SysAD58
196
SysAD46
41
SysAD37
93
SysAD50
145
N.C.
197
Vcc
42
SysAD5
94
ValidIn*
146
Vcc
198
Vss
43
Vss
95
SysAD19
147
Vss
199
SysAD14
44
Vcc
96
SysAD51
148
SysAD27
200
SysAD45
45
N.C.
97
Vss
149
N.C.
201
SysAD13
46
N.C.
98
Vcc
150
JR_
Vcc
202
SysAD44
47
N.C.
99
ValidOut*
151
N.C.
203
Vss
48
N.C.
100
SysAD20
152
N.C.
204
Vcc
49
N.C.
101
N.C.
153
N.C.
205
SysAD12
50
N.C.
102
N.C.
154
N.C.
206
SysCmdP
51
N.C.
103
N.C.
155
N.C.
207
SysAD43
52
N.C.
104
N.C.
156
N.C.
208
N.C.
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Table 6 RC64575 208-pin QFP Package Pin-Out (Page 2 of 2)


Similar Part No. - IDT79RC64T574-200DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T574 RENESAS-IDT79RC64T574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
More results

Similar Description - IDT79RC64T574-200DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC64574 RENESAS-79RC64574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
   64-bit Microprocessors with Integrated L2 Cache and EJTAG
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com