Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1351G-133BGXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1351G-133BGXC
Description  4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-133BGXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1351G-133BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-133BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY7C1351G
Document #: 38-05513 Rev. *D
Page 3 of 14
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the 128K address locations. Sampled at the rising edge
of the CLK. A[1:0] are fed to the two-bit burst counter.
BW[A:D]
Input-
Synchronous
Byte Write Inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on
the rising edge of CLK.
WE
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This
signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance/Load Input. Used to advance the on-chip address counter or load a new address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a
new address can be loaded into the device for an access. After being deselected, ADV/LD should
be driven LOW in order to load a new address.
CLK
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN.
CLK is only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE2, and CE3 to select/deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined with the synchronous logic block
inside the device to control the direction of the I/O pins. When LOW, the I/O pins are allowed to
behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as input data pins.
OE is masked during the data portion of a write sequence, during the first clock when emerging
from a deselected state, when the device has been deselected.
CEN
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the Clock signal is recognized by the
SRAM. When deasserted HIGH the Clock signal is masked. Since deasserting CEN does not
deselect the device, CEN can be used to extend the previous cycle when required.
Pin Configurations (continued)
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC/576M
NC/1G
DQPC
DQC
DQD
DQC
DQD
AA
A
A
NC/18M
VDDQ
CE2
A
DQC
VDDQ
DQC
VDDQ
VDDQ
VDDQ
DQD
DQD
NC/144M
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC/36M
NC/72M
NC/288M
VDDQ
VDDQ
VDDQ
AA
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQC
DQA
DQA
DQA
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQB
VDD
DQC
DQC
DQC
VDD
DQD
DQD
DQD
DQD
ADV/LD
NC
CE1
OE
NC/9M
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPA
MODE
DQPD
DQPB
BWB
BWC
VSS
VDD
VSS
BWA
NC
CEN
BWD
ZZ
119-Ball BGA Pinout
A
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1351G-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com