Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2393DBTR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2393DBTR
Description  FULL-FEATURED-48-V HOTSWAP POWER MANAGER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2393DBTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2393DBTR Datasheet HTML 1Page - Texas Instruments TPS2393DBTR Datasheet HTML 2Page - Texas Instruments TPS2393DBTR Datasheet HTML 3Page - Texas Instruments TPS2393DBTR Datasheet HTML 4Page - Texas Instruments TPS2393DBTR Datasheet HTML 5Page - Texas Instruments TPS2393DBTR Datasheet HTML 6Page - Texas Instruments TPS2393DBTR Datasheet HTML 7Page - Texas Instruments TPS2393DBTR Datasheet HTML 8Page - Texas Instruments TPS2393DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
FULLFEATURED -48V
HOT SWAP POWER MANAGER
FEATURES
D Wide Input Supply Range: −20 V to −80 V
D Transient Rating to −100 V
D Programmable Current Limit
D Programmable Current Slew Rate
D Programmable UV/OV Thresholds/Hysteresis
D Debounced Insertion Detection Inputs
D Open-Drain Power Good (PG) Output
D Fault Timer to Eliminate Nuisance Trips
D Open-Drain Fault Output (FAULT)
D Enable Input (EN)
D 14-Pin TSSOP package
D 44-Pin TSSOP Package for
Creapage/Clearance
APPLICATIONS
D −48-V Distributed Power Systems
D Central Office Switching
D Wireless Base Station
DESCRIPTION
The TPS2392 and TPS2393 integrated circuits are hot
swap power managers optimized for use in nominal
−48-V systems. They operate with supply voltage
ranges from −20-V to −80-V, and are rated to withstand
spikes to −100 V. In conjunction with an external
N-channel FET and sense resistor, they can be used to
enable live insertion of plug-in cards and modules in
powered systems. Each device provides load current
slew rate control and peak magnitude limiting.
Undervoltage and overvoltage shutdown thresholds
are easily programmed via a three-resistor divider
network. In addition, two active-low, debounced inputs
provide plug-in insertion detection. A power good (PG)
output enables downstream converters. The TPS2392
and TPS2393 also provide the basic hot swap functions
of electrical isolation of faulty cards, filtered protection
against nuisance overcurrent trips, and single-line fault
reporting. The 44-pin part supports designs where
telecomm creepage and clearance requirements must
be followed.
The TPS2392 latches off in response to current faults,
while the TPS2393 periodically retries the load in the
event of a fault.
UDG−02098
D1
BAS19
C2
0.1
µF
R3
3.92 k
1%
R2
4.99 k
1%
R1
200 k
1%
R4
20 m
1/4, 1%
R6
10 k
R5
100
k
C4
100
µF
100 V
COUT
= 32.8 V
= 30.8 V
= 72.6 V
VUV
VUV
VOV
GATE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
UVLO
INSA
INSB
FAULT
EN
FLTTIME
OVLO
DRAINSNS
ISENS
IRAMP
−VIN
PG
RTN
TPS2392/TPS2393
VOUT+
VOUT−
VIN+
VIN−
DC/DC
CONVERTER
EN
VDD
C3
1500 pF
VOUT+
VOUT−
GND
C1
3900 pF
−48V
Q1
IRF530
D2
5.6 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TPS2393DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393DBTR TI-TPS2393DBTR Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results

Similar Description - TPS2393DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
Microchip Technology
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com