Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C187L-15JMB Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C187L-15JMB
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187L-15JMB Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C187L-15JMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187L-15JMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM111 REV B
Revised April 2007
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25/35/45 ns (Commercial)
– 12/15/20/25/35 /45 ns (Industrial)
– 15/20/25/35/45/55/70/85 ns (Military)
Low Power Operation
– 743 mW Active -10
– 660/770 mW Active for -12/15
– 550/660 mW Active for -20/25/35
– 193/220 mW Standby (TTL Input)
– 83/110 mW Standby (CMOS Input) P4C187
– 5.5 mW Standby (CMOS Input) P4C187L (Military)
Single 5V±10% Power Supply
P4C187/P4C187L
ULTRA HIGH SPEED 64K x 1
STATIC CMOS RAMS
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
DIP (P3, D3, C3)
LCC Pin configurations at end of datasheet.
Data Retention with 2.0V Supply (P4C187L
Military)
Separate Data I/O
Three-State Output
TTL Compatible Output
Fully TTL Compatible Inputs
Standard Pinout (JEDEC Approved)
– 22-Pin 300 mil DIP
– 24-Pin 300 mil SOJ
– 22-Pin 290x490 mil LCC
– 28-Pin 350x550 mil LCC
DESCRIPTION
The P4C187/P4C187L are 65, 536-bit ultra high speed
static RAMs organized as 64K x 1. The CMOS memories
require no clocks or refreshing and have equal access and
cycle times. The RAMs operate from a single 5V ± 10%
tolerancepowersupply.Dataintegrityismaintainedforsup-
ply voltages down to 2.0V, typically drawing 10µA.
Access times as fast as 10 nanoseconds are available,
greatly enhancing system speeds. CMOS reduces power
consumption to a low 743mW active, 193/83mW standby
for TTL/CMOS inputs and only 5.5 mW standby for the
P4C187L.
TheP4C187/P4C187Lareavailablein22-pin300milDIP,
24-pin 300 mil SOJ, 22-pin and 28-pin LCC packages pro-
viding excellent board level densities.
1
SOJ (J4)


Similar Part No. - P4C187L-15JMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187L-25DC ETC-P4C187L-25DC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25DM ETC-P4C187L-25DM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25DMB ETC-P4C187L-25DMB Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25JC ETC-P4C187L-25JC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25JM ETC-P4C187L-25JM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results

Similar Description - P4C187L-15JMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com