Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2392PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2392PWRG4
Description  FULL-FEATURED-48-V HOTSWAP POWER MANAGER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2392PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2392PWRG4 Datasheet HTML 1Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 2Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 3Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 4Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 5Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 6Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 7Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 8Page - Texas Instruments TPS2392PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
VI(−VIN) = −48 V with respect to RTN, VI(EN) = 2.8 V, VI(INSA) = 0 V, VI(INSB) = 0 V, VI(UVLO) = 2.5 V, VI(OVLO) = 0 V, VI(ISENS) = 0 V, all outputs
unloaded, TA = −40°C to 85°C (unless otherwise noted)(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
ICC1
Supply current, RTN
VI(RTN) = 48 V
1050
1500
A
ICC2
Supply current, RTN
VI(RTN) = 80 V
1350
1700
µA
VUVLO_L Internal UVLO threshold, VIN rising
To GATE pull-up
−19
−16
−13
V
VHYS
Internal UVLO hysteresis
200
mV
ENABLE INPUT (EN)
VTH
Threshold voltage, VIN rising
To GATE pull-up
1.3
1.4
1.5
V
ISRC_EN EN pin switched pull-up current
−12
−10
−8
µA
UNDERVOLTAGE/OVERVOLTAGE COMPARATORS
VTH_UV
Threshold voltage, VIN rising, UVLO
To GATE pull-up
1.36
1.40
1.44
V
ISRC_UV UVLO pin switched pull-up current
VI(UVLO) = 2.5 V
−11.7
−10.0
−8.3
µA
IIL
UVLO low-level input current
VI(UVLO) = 1 V
−1
1
µA
VTH_OV
Threshold voltage, VIN rising, OVLO
To GATE pull-up
1.36
1.40
1.44
V
ISRC_OV OLVO pin switched pull-up current
VI(OVLO) = 2.5 V
−11.7
−10.0
−8.3
µA
IIL
OVLO low-level input current
VI(OVLO) = 1 V
−1
1
µA
INSERTION DETECTION
VTH
Threshold voltage, VIN rising, INSA, INSB
To GATE pull-down
1.0
1.4
1.8
V
ISRC_INSx INSA, INSB pin pull-up current
VI(INSA) = 0 V, VI(INSB) = 0 V
−14
−11
−8
µA
tD_INS
Insertion delay time, VIN falling, INSA, INSB
To GATE pull-up
1.5
2.5
4.1
ms
LINEAR CURRENT AMPLIFIER (LCA)
VOH
High-level output voltage, GATE
VI(ISENS) = 0 V, IO(GATE) = −10 µA
11
14
17
V
ISINK
Output sink current, linear mode
VI(ISENS) = 80 mV, VO(GATE) = 5 V
VO(FLTTIME) = 2 V
5
10
mA
IFAULT
Output sink current, fault shutdown
VI(ISENS) = 80 mV, VO(GATE) = 5 V
VO(FLTTIME) > 4 V
50
100
mA
II
Input current, ISENS
0 V < VI(ISENS) < 0.2 V
−1
1
µA
VREF_K
Reference clamp voltage
VO(IRAMP) = OPEN
33
40
47
mV
VIO
Input offset voltage
VO(IRAMP) = 2 V
−7
7
mV
RAMP GENERATOR
ISRC1
IRAMP source current, reduced rate turn-on
VO(IRAMP) = 0.25 V
−850
−600
−400
nA
ISRC2
IRAMP source current, normal rate
VO(IRAMP) = 1 V
−11
−10
−9
A
ISRC2
IRAMP source current, normal rate
VO(IRAMP) = 3 V
−11
−10
−9
µA
VOL
Low-level output voltage, IRAMP
VI(EN) = 0 V
2
mV
AV
Voltage gain, relative to ISENS
9.5
10.0
10.5
mV/V
OVERLOAD COMPARATOR
VTH_OL
Current overload threshold, ISENS
80
100
120
mV
tDLY
Glitch filter delay time
VI(ISENS) = 200 mV
2
4
7
µs
(1)
All voltages are with respect to the −VIN terminal, unless otherwise stated.
(2)
Currents are positive into and negative out of the specified terminals.


Similar Part No. - TPS2392PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392PWR TI-TPS2392PWR Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results

Similar Description - TPS2392PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
Microchip Technology
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com