Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC64475 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # RC64475
Description  RISControllerTM Embedded 64-bit Microprocessor, based on
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC64475 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button RC64475 Datasheet HTML 2Page - Integrated Device Technology RC64475 Datasheet HTML 3Page - Integrated Device Technology RC64475 Datasheet HTML 4Page - Integrated Device Technology RC64475 Datasheet HTML 5Page - Integrated Device Technology RC64475 Datasheet HTML 6Page - Integrated Device Technology RC64475 Datasheet HTML 7Page - Integrated Device Technology RC64475 Datasheet HTML 8Page - Integrated Device Technology RC64475 Datasheet HTML 9Page - Integrated Device Technology RC64475 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6 of 25
April 10, 2001
RC64474™ RC64475™
Power Management
Executing the WAIT instruction enables the processor to enter
Standby mode. The internal clocks will shut down, thus freezing the
pipeline. The PLL, internal timer, and some of the input pins (Int[5:0]*,
NMI*, ExtReq*, Reset*, and ColdReset*) will continue to run. Once the
CPU is in Standby Mode, any interrupt, including the internally gener-
ated timer interrupt, will cause the CPU to exit Standby Mode.
Thermal Considerations
The RC64474/475 come in a QFP with a drop-in heat spreader and
are guaranteed in a case temperature range of 0
° to +85° C, for
commercial temperature devices; - 40
° to +85° for industrial tempera-
ture devices. The type of package, speed (power) of the device, and
airflow conditions affect the equivalent ambient temperature conditions
that will meet this specification.
The equivalent allowable ambient temperature, TA, can be calculated
using the thermal resistance from case to ambient (
CA) of the given
package. The following equation relates ambient and case tempera-
tures:
TA = TC - P *
CA
where P is the maximum power consumption at hot temperature,
calculated by using the maximum ICC specification for the device.
Typical values for
CA at various airflows are shown in Table 4. Note
that the RC64474/475 processors implement advanced power manage-
ment, which substantially reduces the typical power dissipation of the
device.
Data Sheet Revision History
December 1998: Changed ordering code on 128-pin package from
DQ / DQI (Industrial) to DZ / DZI (Industrial).
January 1999: Removed 5V tolerance capability and deleted 5V
tolerant pin.
February 1999: Changed the package drawings to reflect the new
208-pin DP (DPI) and 128-pin DZ (DZI) packages.
May 1999: Removed “Preliminary” status from data sheet.
Changes in DC Electrical Characteristics table. Changes in Pin
Description table. Changes in Clock Parameters table. Changes in
System Interface Parameters table.
September 1999: Updated Revision History section.
CA
Airflow (ft/min)
0
200 400 600 800 1000
128 QFP
16
10
9
7
6
5
208 QFP
20
13
10
9
8
7
Table 4 Thermal Resistance (
∅CA) at Various Airflows
January 17, 2000: Added “with DSP extensions” in the CPU row
under RC64574 and RC64575 columns in Table 1. Added “lockable by
line” in the Caches row under RC64574 and RC64575 columns in Table
1. Revised Data Output and Data Output Hold rows in System Interface
Parameters table.
February 10, 2000: Revised values in Table 4, Thermal Resistance.
Old values were:
March 13, 2000: Replaced existing figure in Mode Configuration
Interface Reset Sequence section with 3 reset figures.
March 28, 2000: Removed the symbol tDZ from Figure 3.
April 17, 2000: Changed VIH value in 200MHz column from 2.0V to
0.7VCC.
April 10, 2001: In the Data Output and Data Output Hold categories
of the System Interface Parameters table, changed values in the Min
column for all speeds from 1.0 to 0. Deleted Output for Loading AC
Testing diagram and added Output Loading for AC Timing diagram
(Figure 8).
CA
Airflow (ft/min)
0
200 400 600 800 1000
128 QFP
20
12
9
8
7
6
208 QFP
20
12
9
8
7
6


Similar Part No. - RC64475

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64475 RENESAS-RC64475 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
More results

Similar Description - RC64475

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64474 RENESAS-RC64474 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
   Loongson 2E: 700MHz 64-bit superscalar MIPS짰 based microprocessor
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
   Atmel | SMART ARM-based Embedded Microprocessor
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com