Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2392 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2392
Description  FULL-FEATURED-48-V HOTSWAP POWER MANAGER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2392 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2392_07 Datasheet HTML 1Page - Texas Instruments TPS2392_07 Datasheet HTML 2Page - Texas Instruments TPS2392_07 Datasheet HTML 3Page - Texas Instruments TPS2392_07 Datasheet HTML 4Page - Texas Instruments TPS2392_07 Datasheet HTML 5Page - Texas Instruments TPS2392_07 Datasheet HTML 6Page - Texas Instruments TPS2392_07 Datasheet HTML 7Page - Texas Instruments TPS2392_07 Datasheet HTML 8Page - Texas Instruments TPS2392_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
VI(−VIN) = −48 V with respect to RTN, VI(EN) = 2.8 V, VI(INSA) = 0 V, VI(INSB) = 0 V, VI(UVLO) = 2.5 V, VI(OVLO) = 0 V, VI(ISENS) = 0 V, all outputs
unloaded, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FAULT TIMER
VOL
Low-level output voltage, FLTTIME
VI(EN) = 0 V
5
mV
ICHG
Charging current, current limit mode
VI(ISENS) = 80 mV, VO(FLTTIME) = 2 V
−55
−50
−45
µA
VFLT
Fault threshold voltage
3.75
4.00
4.25
V
IDSG
Discharge current, retry mode
TPS2393
VI(ISENS) = 80 mV, VO(FLTTIME) = 2 V
0.38
0.61
µA
D
Output duty cycle
TPS2393
VI(ISENS) = 80 mV
1.0%
1.5%
IRST
Discharge current, timer reset mode
VO(FLTTIME) = 2 V, VI(ISENS) = 0 V
1
mA
POWERGOOD SENSING
VTH
DRAINSNS threshold voltage
1.20
1.35
1.50
V
ISRC
DRAINSNS pull-up current
VI(DRAINSNS) = 0 V
−14
−11
−8
A
IOH
High-level output leakage current, PG output
VI(EN) = 0 V, VO(PG) = 65 V
10
µA
RDS(on) Driver on-resistance, PG output
VI(ISENS) = 0 V, VI(DRAINSNS) = 0 V
IO(PG) = 1 mA
50
80
FAULT OUTPUT
IOH
High-level output leakage current, FAULT
VI(EN) = 0 V, VO(FAULT) = 65 V
10
µA
RDS(on) Driver on-resistance, FAULT
VI(ISENS) = 80 V, VO(FLTTIME) = 5 V
IO(FAULT) = 1 mA
50
80
(1)
All voltages are with respect to the −VIN terminal, unless otherwise stated.
(2)
Currents are positive into and negative out of the specified terminals.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PW
DBT
I/O
DESCRIPTION
DRAINSNS
13
41
I
Sense input for monitoring the load voltage status
EN
5
14
I
Enable input to turn on/off power to the load
FAULT
4
13
O
Open-drain, active-low indication of a load fault condition
FLTTIME
6
15
I/O
Connection for user-programming of the fault timeout period
GATE
10
28
O
Gate drive for external N−channel FET
INSA
2
1
I
Insertion detection input pin A
INSB
3
7
I
Insertion detection input pin B
IRAMP
7
16
I/O
Programming input for setting the inrush current slew rate
ISENS
9
27
I
Current sense input
OVLO
14
43
I
Voltage sense input for supply overvoltage lockout (OVLO) protection
PG
12
40
O
Open-drain, active-low indication of load power-good condition
RTN
11
34
I
Positive supply input
UVLO
1
44
I
Voltage sense input for supply undervoltage lockout (UVLO) protection
−VIN
8
22
I
Negative supply input and reference pin


Similar Part No. - TPS2392_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2392DBT TI-TPS2392DBT Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2392PW TI-TPS2392PW Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2392PWR TI-TPS2392PWR Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results

Similar Description - TPS2392_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
Microchip Technology
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com