Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1911BV18-300BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1911BV18-300BZXI
Description  18-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1911BV18-300BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1911BV18-300BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1911BV18-300BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1311BV18
CY7C1911BV18
CY7C1313BV18
CY7C1315BV18
Document Number: 38-05620 Rev. *C
Page 9 of 28
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed
to function between 80 MHz and the specified maximum clock
frequency. During power-up, when the DOFF is tied HIGH, the
DLL gets locked after 1024 cycles of stable clock. The DLL can
also be reset by slowing or stopping the input clock K and K
for a minimum of 30 ns. However, it is not necessary for the
DLL to be specifically reset in order to lock the DLL to the
desired frequency. The DLL will automatically lock 1024 clock
cycles after a stable clock is presented. The DLL may be
disabled by applying ground to the DOFF pin. For information
refer
to
the
application
note
‘DLL
Considerations
in
QDRII/DDRII/QDRII+/DDRII+.’
Application Example[11]
Truth Table[12, 13, 14, 15, 16, 17]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the
rising edge of K; input
write data on two
consecutive K and K
rising edges.
L-H
H[8]
L[9] D(A) at K(t + 1)
↑ D(A + 1) at K(t + 1) ↑ D(A + 2) at K(t + 2) ↑ D(A + 3) at K(t + 2) ↑
Read Cycle:
Load address on the
rising edge of K; wait
one and a half cycle;
read data on two
consecutive C and C
rising edges.
L-H
L[9]
X
Q(A) at C(t + 1)
↑ Q(A + 1) at C(t + 2) ↑ Q(A + 2) at C(t + 2)↑ Q(A + 3) at C(t + 3) ↑
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock
Stopped
Stopped
X
X
Previous State
Previous State
Previous State
Previous State
Notes:
1. The above application shows four QDR-II being used.
2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device will power-up deselected and the outputs in a tri-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst.
5. “t” represents the cycle at which a Read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the
“t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
8. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
9. This signal was HIGH on previous K clock rise. Initiating consecutive Read or Write operations on consecutive K clock rises is not permitted. The device will
ignore the second Read or Write request.
Vt = Vddq/2
CC#
D
A
K
CC#
D
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM #1
SRAM #4
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
R = 50ohms
R = 250ohms
R = 250ohms
R
P
S
#
W
P
S
#
B
W
S
#
R
P
S
#
W
P
S
#
B
W
S
#
Vt
Vt
Vt
R
R
R
ZQ
CQ/CQ#
Q
K#
ZQ
CQ/CQ#
Q
K#
CLKIN/CLKIN#
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1911BV18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1911BV18-167BZC CYPRESS-CY7C1911BV18-167BZC Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1911BV18-200BZC CYPRESS-CY7C1911BV18-200BZC Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1911BV18-250BZC CYPRESS-CY7C1911BV18-250BZC Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1911BV18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com