Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM401M814VTB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EM401M814VTB
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM401M814VTB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EM401M814VTB Datasheet HTML 5Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 9Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 10Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 11Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 12Page - List of Unclassifed Manufacturers EM401M814VTB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev.01
16Mb SDRAM
9/18
Command
Symbol
CKE
Ignore Command
DESL
No operation
NOP
Truth Table
1. Command Truth Table
H
H
X
n-1
n
/CS
H
L
X
/RAS
X
H
/CAS
X
H
/WE
X
H
BA
X
X
A10
X
X
A9~A0
X
X
Burst stop
BSTH
Read
READ
H
H
X
L
L
X
H
H
H
L
L
H
X
V
X
L
X
V
Read with auto pre-charge
READA
Write
WRIT
H
H
X
L
L
X
H
H
L
L
H
L
V
V
H
L
V
V
Write with auto pre-charge
WRITA
Bank activate
ACT
H
H
X
L
L
X
L
L
H
H
H
H
V
V
H
V
V
V
Pre-charge select bank
PRE
H
L
X
L
H
L
V
L
X
Pre-charge all banks
PALL
Mode register set
MRS
H
H
X
L
L
X
L
L
H
L
L
L
X
L
H
L
X
V
Note : H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input
Command
Symbol
CKE
2. DQM Truth Table
n-1
n
/CS
Data w rite / output enable
ENB
Data mask / output disable
MASK
H
H
X
H
L
X
Upper byte w rite enable / output enable
BSTH
Read
READ
H
H
X
L
L
X
Read w ith auto pre-charge
READA
Write
WRIT
H
H
X
L
L
X
Write w ith auto pre-charge
WRITA
Bank activate
ACT
H
H
X
L
L
X
Pre-charge select bank
PRE
H
L
X
Pre-charge all banks
PALL
Mode register set
MRS
H
H
X
L
L
X
Note : H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input
Command
Symbol
CKE
Activating
Any
3. CKE Truth Table
H
L
L
n-1
n
/CS
X
X
L
/RAS
X
X
/CAS
X
X
/WE
X
X
Addr.
X
X
Clock suspend
Idle
REF
L
H
H
X
L
H
X
L
X
L
X
H
X
X
Idle
SELF
Self refresh
H
L
L
L
L
H
L
H
L
H
H
H
X
X
Idle
Power down
H
L
L
X
X
H
X
X
X
X
X
X
X
X
Rem ark H = High level, L = Low level, X = High or Low level (Don't care)
Command
Clock suspend mode entry
Clock suspend mode
Clock suspend mode exit
CBR refresh command
Self refresh entry
Self refresh exit
Pow er dow n entry
Pow er dow n exit
L
H
H
X
X
X
X
( EM481M1622VT )
( EM481M1622VT )


Similar Part No. - EM401M814VTB

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
EM4015-BC SOBERTON-EM4015-BC Datasheet
595Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM4015LW-38C10NF SOBERTON-EM4015LW-38C10NF Datasheet
439Kb / 6P
   Omni Directional Back Electret Condenser Microphone
More results

Similar Description - EM401M814VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com