Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350G-200BGC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1350G-200BGC
Description  4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-200BGC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1350G-200BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1350G-200BGC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CY7C1350G
Document #: 38-05524 Rev. *F
Page 8 of 15
ISB3
Automatic CE
Power-Down
Current—CMOS
Inputs
VDD = Max, Device Deselected, or
VIN ≤ 0.3V or VIN > VDDQ – 0.3V
f = fMAX = 1/tCYC
4-ns cycle, 250 MHz
105
mA
5-ns cycle, 200 MHz
95
mA
6-ns cycle, 166 MHz
85
mA
7.5-ns cycle, 133 MHz
75
mA
10-ns cycle, 100 MHz
65
mA
ISB4
Automatic CE
Power-Down
Current—TTL Inputs
VDD = Max, Device Deselected,
VIN ≥ VIH or VIN ≤ VIL, f = 0
All speeds
45
mA
Capacitance[12]
Parameter
Description
Test Conditions
100 TQFP
Max.
119 BGA
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V, VDDQ = 3.3V
55
pF
CCLK
Clock Input Capacitance
5
5
pF
CI/O
Input/Output Capacitance
5
7
pF
Thermal Resistance[12]
Parameter
Description
Test Conditions
100 TQFP
Package
119 BGA
Package
Unit
Θ
JA
Thermal Resistance (Junction to
Ambient)
Test conditions follow standard
test methods and procedures for
measuring thermal impedance,
per EIA/JESD51.
30.32
34.1
°C/W
Θ
JC
Thermal Resistance (Junction to
Case)
6.85
14.0
°C/W
Electrical Characteristics Over the Operating Range[10, 11] (continued)
Parameter
Description
Test Conditions
Min.
Max.
Unit
AC Test Loads and Waveforms
Note:
12. Tested initially and after any design or process changes that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.5V
3.3V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.25V
2.5V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
3.3V I/O Test Load
2.5V I/O Test Load


Similar Part No. - CY7C1350G-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-200BGC CYPRESS-CY7C1350G-200BGC Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1350G-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com