Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163374CPAG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT163374CPAG
Description  3.3V CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163374CPAG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT163374CPAG Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163374CPAG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to 7
V
VTERM(4)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +60
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. Input terminals.
4. Outputs and I/O terminals.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
3.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
PIN CONFIGURATION
SSOP/ TSSOP/ TVSOP
TOP VIEW
Pin Names
Description
xDx
DataInputs
xCLK
Clock Inputs
x O x
3-StateOutputs
x
OE
3-State Output Enable Input (Active LOW)
PIN DESCRIPTION
FUNCTION TABLE(1)
Inputs
Outputs
Function
xDx
xCLK
x
OE
xOx
Hi-Z
X
L
H
Z
XH
H
Z
LoadRegister
L
LL
H
LH
L
HZ
H
HZ
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-Impedance
↑ = LOW-to-HIGH transition
1
O1
GND
1
O3
VCC
1
OE
GND
2
O2
GND
VCC
GND
1
O2
1
O4
1
O5
1
O6
1
O7
1
O8
2
O1
2
O3
2
O4
2
O5
2
O7
2
O8
2
O6
2
OE
1
CLK
1
D1
1
D2
GND
1
D3
1
D4
VCC
1
D5
1
D6
1
D7
1
D8
2
D1
2
D2
2
D3
2
D4
VCC
2
D5
2
D7
2
D8
2
D6
2
CLK
GND
GND
GND
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24


Similar Part No. - IDT74FCT163374CPAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163374C IDT-IDT74FCT163374C Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT163374C RENESAS-IDT74FCT163374C Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
More results

Similar Description - IDT74FCT163374CPAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com